Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39232-B1644-U510 Datasheet (PDF) - EPCOS

B39232-B1644-U510 Datasheet PDF - EPCOS
Part # B39232-B1644-U510
Download  B39232-B1644-U510 Download

File Size   67.53 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF low loss filter

B39232-B1644-U510 Datasheet (PDF)

Go To PDF Page Download Datasheet
B39232-B1644-U510 Datasheet PDF - EPCOS

Part # B39232-B1644-U510
Download  B39232-B1644-U510 Click to download

File Size   67.53 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF low loss filter

B39232-B1644-U510 Datasheet (HTML) - EPCOS

B39232-B1644-U510 Datasheet HTML 1Page - EPCOS B39232-B1644-U510 Datasheet HTML 2Page - EPCOS B39232-B1644-U510 Datasheet HTML 3Page - EPCOS B39232-B1644-U510 Datasheet HTML 4Page - EPCOS B39232-B1644-U510 Datasheet HTML 5Page - EPCOS B39232-B1644-U510 Datasheet HTML 6Page - EPCOS B39232-B1644-U510 Datasheet HTML 7Page - EPCOS B39232-B1644-U510 Datasheet HTML 8Page - EPCOS B39232-B1644-U510 Datasheet HTML 9Page - EPCOS

B39232-B1644-U510 Product details

Features
■ Package size 3.0 x3.0 x 1.1 mm3
■ Maximum height of 1.225 mm
■ Package code DCC6D
■ RoHS compatible
■ Approximate weight 0.037 g
■ Package forSurfaceMountTechnology (SMT)
■ Ni, gold-plated terminals
■ AEC-Q200 qualified component family
■ Electrostatic SensitiveDevice (ESD)

Application
■ Low-loss RF filter for digital radio
■ Impedance transformation from 50Ω to 100Ω
■ Unbalanced to balanced operation
■ Very low insertion attenuation
■ Low amplitude ripple
■ Usable passband 12.5 MHz
■ no matching network required



Similar Part No. - B39232-B1644-U510

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
B39232-B1646-U410 EPCOS-B39232-B1646-U410 Datasheet
66Kb / 8P
   SAW RF low loss filter Digital radio
More results

Similar Description - B39232-B1644-U510

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
   SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
   SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
TDK Electronics
TDK Electronics
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
   SAW RF low loss filter
EPCOS
EPCOS
B1617 EPCOS-B1617 Datasheet
50Kb / 6P
   SAW RF low loss filter
B1624 EPCOS-B1624 Datasheet
51Kb / 6P
   SAW RF low loss filter
B1623 EPCOS-B1623 Datasheet
50Kb / 6P
   SAW RF low loss filter
B1641 EPCOS-B1641 Datasheet
61Kb / 7P
   SAW RF low loss filter
TDK Electronics
TDK Electronics
B39172B1637U510 TDK-B39172B1637U510 Datasheet
84Kb / 7P
   SAW RF low loss filter
B39172B1658B510 TDK-B39172B1658B510 Datasheet
76Kb / 7P
   SAW RF low loss filter
B39202B1639U510 TDK-B39202B1639U510 Datasheet
84Kb / 7P
   SAW RF low loss filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com