![]() |
Electronic Components Datasheet Search |
|
STK4161 Datasheet (PDF) - Sanyo Semicon Device |
STK4161 Datasheet (HTML) - Sanyo Semicon Device |
STK4161 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | STK4161 |
Download | STK4161 Click to view |
File Size | 150.2 Kbytes |
Page | 2 Pages |
Maker | SANYO [Sanyo Semicon Device] |
Homepage | https://www.sanyo-av.com/us/ |
Logo | |
Description | 2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%   |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
STK8280 | 80W MIN AF POWER AMP OUTPUT STAGE DUAL SUPPLIES WITH BUILT-IN QUASI CLASS A BIAS CIRCUIT | 1 2 | Sanyo Semicon Device |
NTE1815 | Integrated Circuit Module AF PO 20W Dual Power Supply | 1 2 | NTE Electronics |
NTE7030 | Integrated Circuit Module AF PO 50W Dual Power Supply | 1 2 | NTE Electronics |
KIA8157AFN | BIPOLAR LINEAR INTEGRATED CIRCUIT HEADPHONE STEREO DRIVER BUILT-IN BOOST SYSTEM POWER AMP | 1 2 3 4 5 More | KEC(Korea Electronics) |
TEA2018A | CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT | 1 2 3 4 5 More | STMicroelectronics |
ASM1232LP | 5V uP Power Supply Monitor and Reset Circuit | 1 2 3 4 5 More | Alliance Semiconductor Corporation |
NTE1817 | Integrated Circuit Module AF PO 20W Dual Power Supply | 1 2 | NTE Electronics |
NTE7033 | Integrated Circuit Module Switching Regulator Power Supply | 1 2 | NTE Electronics |
NTE7117 | Integrated Circuit Switched-Mode Power Supply Controller | 1 2 | NTE Electronics |
NE5560 | Switched-mode power supply control circuit | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |