Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P4SMA400C Datasheet (PDF) - Semikron International

P4SMA400C Datasheet PDF - Semikron International
Part No. P4SMA400C
Download  P4SMA400C Click to view

File Size   373.45 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Bidirectional Transient Voltage Suppressor diodes

P4SMA400C Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA400C Datasheet PDF - Semikron International

Part No. P4SMA400C
Download  P4SMA400C Click to view

File Size   373.45 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Bidirectional Transient Voltage Suppressor diodes

P4SMA400C Datasheet (HTML) - Semikron International

P4SMA400C Datasheet HTML 1Page - Semikron International P4SMA400C Datasheet HTML 2Page - Semikron International

P4SMA400C Product details

Unidirectional and Bidirectional Transient Voltage Suppressor diodes

Pulse Power Dissipation: 400 W
Maximum Stand-off voltage: 5,5 ... 342 V

Features
• Max. solder temperature: 260°C
• Plastic material has UL classification 94V-0
• For bidirectional types (suffix "C" or "CA") electrical characteristics apply in both directions
• The standard tolerance of the breakdown voltage for each type is ±10%. Suffix "A" denotes a tolerance of ±5% for the breakdown voltage



Similar Part No. - P4SMA400C

ManufacturerPart No.DatasheetDescription
Bruckewell Technology LTD
Bruckewell Technology L...
P4SMA400C BWTECH-P4SMA400C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Littelfuse
Littelfuse
P4SMA400CA LITTELFUSE-P4SMA400CA Datasheet
1Mb / 6P
   P4SMA Series
P4SMA400CA LITTELFUSE-P4SMA400CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
Bourns Electronic Solutions
Bourns Electronic Solut...
P4SMA400CA BOURNS-P4SMA400CA Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
Semikron International
Semikron International
P4SMA400CA SEMIKRON-P4SMA400CA Datasheet
244Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - P4SMA400C

ManufacturerPart No.DatasheetDescription
Diotec Semiconductor
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
Semikron International
Semikron International
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
Digitron Semiconductors
Digitron Semiconductors
1N6036 DIGITRON-1N6036 Datasheet
297Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
Semikron International
Semikron International
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
Diotec Semiconductor
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Semikron International
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE180 SEMIKRON-P4KE180 Datasheet
147Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results





Datasheet Page


1  2 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz