![]() |
Electronic Components Datasheet Search |
|
STK400-040 Datasheet (PDF) - Sanyo Semicon Device |
STK400-040 Datasheet (HTML) - Sanyo Semicon Device |
STK400-040 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | STK400-040 |
Download | STK400-040 Click to view |
File Size | 264.38 Kbytes |
Page | 9 Pages |
Maker | SANYO [Sanyo Semicon Device] |
Homepage | https://www.sanyo-av.com/us/ |
Logo | |
Description | AF Power Amplifier (Split Power Supply) (40 W 40 W 40W min, THD = 0.4%)  |
Related Electronics Part Number |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |