Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930BMX Datasheet (PDF) - Fairchild Semiconductor

FAN7930BMX Datasheet PDF - Fairchild Semiconductor
Part # FAN7930BMX
Download  FAN7930BMX Download

File Size   944.53 Kbytes
Page   22 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Critical Conduction Mode PFC Controller

FAN7930BMX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN7930BMX Datasheet PDF - Fairchild Semiconductor

Part # FAN7930BMX
Download  FAN7930BMX Click to download

File Size   944.53 Kbytes
Page   22 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Critical Conduction Mode PFC Controller

FAN7930BMX Datasheet (HTML) - Fairchild Semiconductor


FAN7930BMX Product details

Description

The FAN7930B is an active power factor correction (PFC) controller for boost PFC applications that operate in critical conduction mode (CRM). It uses a voltage-mode PWM that compares an internal ramp signal with the error amplifier output to generate a MOSFET turn-off signal. Because the voltage-mode CRM PFC controller does not need rectified AC line voltage information, it saves the power loss of an input voltage sensing network necessary for a current-mode CRM PFC controller.



Features

ƒ  Additional OVP Detection Pin

ƒ  Input Voltage Absent Detection Circuit

ƒ  Maximum Switching Frequency Limitation

ƒ  Internal Soft-Start and Overshoot-less Control

ƒ  Internal Total Harmonic Distortion (THD) Optimizer

ƒ  Precise Adjustable Output Over-Voltage Protection

ƒ  Open-Feedback Protection and Disable Function

ƒ  Zero Current Detector

ƒ  150μs Internal Startup Timer

ƒ  MOSFET Over-Current Protection

ƒ  Under-Voltage Lockout with 3.5V Hysteresis

ƒ  Low Startup and Operating Current

ƒ  Totem-Pole Output with High State Clamp

ƒ  +500/-800mA Peak Gate Drive Current

ƒ  8-Pin Small Outline Package (SOP)



Applications

ƒ  Adapter

ƒ  Ballast

ƒ  LCD TV, CRT TV

ƒ  SMPS




Similar Part No. - FAN7930BMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930BMX-G ONSEMI-FAN7930BMX-G Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Similar Description - FAN7930BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com