Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5401UCX Datasheet (PDF) - Fairchild Semiconductor

FAN5401UCX Datasheet PDF - Fairchild Semiconductor
Part # FAN5401UCX
Download  FAN5401UCX Download

File Size   559.95 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description USB-Compliant Single-Cell Li-Ion Switching Charger

FAN5401UCX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5401UCX Datasheet PDF - Fairchild Semiconductor

Part # FAN5401UCX
Download  FAN5401UCX Click to download

File Size   559.95 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description USB-Compliant Single-Cell Li-Ion Switching Charger

FAN5401UCX Datasheet (HTML) - Fairchild Semiconductor

FAN5401UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5401UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5401UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5401UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5401UCX Datasheet HTML 5Page - Fairchild Semiconductor

FAN5401UCX Product details

Description

The FAN5400 family (FAN540X) combines a highly integrated switch-mode charger, to minimize single-cell Lithium-ion (Li-ion) charging time from a USB power source, and a boost regulator to power a USB peripheral from the battery.

The charging parameters and operating modes are programmable through an I2C Interface that operates up to 3.4Mbps. The charger and boost regulator circuits switch at 3MHz to minimize the size of external passive components.

The FAN540X provides battery charging in three phases: conditioning, constant current, and constant voltage.



Features

■ Fully Integrated, High-Efficiency Charger for Single-Cell Li-Ion and Li-Polymer Battery Packs

■ Faster Charging than Linear

■ Charge Voltage Accuracy:   ±0.5% at 25°C

                                        ±1% from 0 to 125°C

■5% Input Current Regulation Accuracy

■5% Charge Current Regulation Accuracy

■ 20V Absolute Maximum Input Voltage

■ 6V Maximum Input Operating Voltage

■ 1.25A Maximum Charge Rate

■ Programmable through High-Speed I2C Interface (3.4Mb/s) with Fast Mode Plus Compatibility

   – Input Current

   – Fast-Charge / Termination Current

   – Charger Voltage

   – Termination Enable

■  3MHz Synchronous Buck PWM Controller with Wide Duty Cycle Range

■ Small Footprint 1H External Inductor

■ Safety Timer with Reset Control

■ 1.8V Regulated Output from VBUS for Auxiliary Circuits

■ Weak Input Sources Accommodated by Reducing Charging Current to Maintain Minimum VBUS Voltage

■ Low Reverse Leakage to Prevent Battery Drain to VBUS

■ 5V, 300mA Boost Mode for USB OTG for 2.5 to 4.5V Battery Input



Applications

■ Cell Phones, Smart Phones, PDAs

■ Tablet, Portable Media Players

■ Gaming Device, Digital Cameras



 




Similar Part No. - FAN5401UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5401 FAIRCHILD-FAN5401 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54010UCX(1) FAIRCHILD-FAN54010UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results


Similar Description - FAN5401UCX

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com