Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB80-05J Datasheet (PDF) - Sanyo Semicon Device

SB80-05J Datasheet PDF - Sanyo Semicon Device
Part # SB80-05J
Download  SB80-05J Download

File Size   72.88 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 8A Rectifier

SB80-05J Datasheet (PDF)

Go To PDF Page Download Datasheet
SB80-05J Datasheet PDF - Sanyo Semicon Device

Part # SB80-05J
Download  SB80-05J Click to download

File Size   72.88 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 8A Rectifier

SB80-05J Datasheet (HTML) - Sanyo Semicon Device

SB80-05J Datasheet HTML 1Page - Sanyo Semicon Device SB80-05J Datasheet HTML 2Page - Sanyo Semicon Device SB80-05J Datasheet HTML 3Page - Sanyo Semicon Device

SB80-05J Product details

Features

· Low forward voltage (VF max=0.55V).

· Fast reverse recovery time (trr max=60ns).

· Low switching noise.

· Low leakage current and high reliability due to highly reliable planar structure.

· Micaless package facilitating eazy mounting.



Applications

· High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB80-05J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB80-05 SANYO-SB80-05 Datasheet
71Kb / 3P
   50V, 8A Rectifier
SB80-05H SANYO-SB80-05H Datasheet
71Kb / 3P
   50V, 8A Rectifier
More results


Similar Description - SB80-05J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB80-05H SANYO-SB80-05H Datasheet
71Kb / 3P
   50V, 8A Rectifier
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
   50V/8A Switching Applications
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
   50V/8A Switching Applications
logo
KIA Semiconductor Techn...
08065A KIA-08065A Datasheet
66Kb / 3P
   8A竊?50V Silicon Carbide Diode
logo
Sanyo Semicon Device
SB80-09J SANYO-SB80-09J Datasheet
82Kb / 3P
   90V, 8A Rectifier
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
   40V, 8A Rectifier
SB80-09 SANYO-SB80-09 Datasheet
71Kb / 3P
   90V, 8A Rectifier
logo
Diodes Incorporated
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
   8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
DSR8V600 DIODES-DSR8V600 Datasheet
92Kb / 4P
   8A DIODESTAR RECTIFIER
DS35010 Rev. 2 - 2
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
   60V, 8A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com