Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB120-05H Datasheet (PDF) - Sanyo Semicon Device

SB120-05H Datasheet PDF - Sanyo Semicon Device
Part # SB120-05H
Download  SB120-05H Download

File Size   124.25 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 1.1A Rectifier

SB120-05H Datasheet (PDF)

Go To PDF Page Download Datasheet
SB120-05H Datasheet PDF - Sanyo Semicon Device

Part # SB120-05H
Download  SB120-05H Click to download

File Size   124.25 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 1.1A Rectifier

SB120-05H Datasheet (HTML) - Sanyo Semicon Device

SB120-05H Datasheet HTML 1Page - Sanyo Semicon Device SB120-05H Datasheet HTML 2Page - Sanyo Semicon Device SB120-05H Datasheet HTML 3Page - Sanyo Semicon Device

SB120-05H Product details

50V, 12A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=70ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB120-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB120-05R SANYO-SB120-05R Datasheet
81Kb / 3P
   50V, 12A Rectifier
More results


Similar Description - SB120-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB11-04HP SANYO-SB11-04HP Datasheet
68Kb / 3P
   40V, 1.1A Rectifier
logo
Shindengen Electric Mfg...
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
   Schottky Rectifiers (SBD) (40V 1.1A)
logo
Sanyo Semicon Device
DLA11C SANYO-DLA11C Datasheet
50Kb / 2P
   1.1A Ultrahigh-Speed Rectifier
logo
Renesas Technology Corp
RAA212422 RENESAS-RAA212422 Datasheet
2Mb / 35P
   Dual channel 40V 1.1A and 5.5V 1.5A synchronous buck regulators
Jul 8, 2019
logo
Shindengen Electric Mfg...
D1FL20U-5063 SHINDENGEN-D1FL20U-5063 Datasheet
445Kb / 3P
   200V 1.1A
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Sanyo Semicon Device
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
   40V, 8A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
SBA160-04Y SANYO-SBA160-04Y Datasheet
80Kb / 3P
   40V, 16A Rectifier
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
   40V, 5A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com