Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10-05A2 Datasheet (PDF) - Sanyo Semicon Device

SB10-05A2 Datasheet PDF - Sanyo Semicon Device
Part # SB10-05A2
Download  SB10-05A2 Download

File Size   75.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 1.0A Rectifier

SB10-05A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10-05A2 Datasheet PDF - Sanyo Semicon Device

Part # SB10-05A2
Download  SB10-05A2 Click to download

File Size   75.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 1.0A Rectifier

SB10-05A2 Datasheet (HTML) - Sanyo Semicon Device

SB10-05A2 Datasheet HTML 1Page - Sanyo Semicon Device SB10-05A2 Datasheet HTML 2Page - Sanyo Semicon Device SB10-05A2 Datasheet HTML 3Page - Sanyo Semicon Device

SB10-05A2 Product details

Features
• Low forward voltage (VF max=0.58V).
• Fast reverse recovery time (trr max=30ns).
• Low switching noise.
• Average rectified current (IO=1.0A).

Applications
• High frequency rectification (switching regulators,
   converters, choppers).




Similar Part No. - SB10-05A2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-05A2 SANYO-SB10-05A2 Datasheet
77Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
More results


Similar Description - SB10-05A2

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
US1A UMW-US1A Datasheet
569Kb / 3P
   50V-100V 1.0A
logo
PACELEADER INDUSTRIAL
ES1A PACELEADER-ES1A_17 Datasheet
431Kb / 2P
   1.0A Surface Mount Super Fast Recovery Rectifier 50V~600V
logo
AiT Semiconductor Inc.
DB101S AITSEMI-DB101S Datasheet
603Kb / 5P
   BRIDGE RECTIFIER REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
REV2.0
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
1N4001 DIODES-1N4001_1 Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
   1.0A RECTIFIER
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Vishay Siliconix
1N400X VISHAY-1N400X Datasheet
28Kb / 2P
   1.0A RECTIFIER
Rev. E-2
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
   1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Rohm
2SAR513P ROHM-2SAR513P Datasheet
429Kb / 8P
   PNP -1.0A -50V Middle Power Transistor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com