Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV2105V Datasheet (PDF) - Sanyo Semicon Device

LV2105V Datasheet PDF - Sanyo Semicon Device
Part # LV2105V
Download  LV2105V Download

File Size   74.94 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 530 MHz PLL Frequency Synthesizer LSI

LV2105V Datasheet (PDF)

Go To PDF Page Download Datasheet
LV2105V Datasheet PDF - Sanyo Semicon Device

Part # LV2105V
Download  LV2105V Click to download

File Size   74.94 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 530 MHz PLL Frequency Synthesizer LSI

LV2105V Datasheet (HTML) - Sanyo Semicon Device


LV2105V Product details

Overview
The LV2105V is a PLL frequency synthesizer Bi-CMOS LSI that provides low-voltage operation and low current drain, and that is suitable for use in a variety of radio equipment.

Features
• Low operating voltage: (VCC = 2.5 to 5.5 V)
• Low current drain (5.5 mA)
• Compact package (SSOP16, 0.65 mm pitch)
• VCO band switching data output port on chip
• Data can be input while in power saving mode
• Data input pin high level can be input at VCC or higher
• Independent setting of CP ON/OFF (high impedance) possible

Functions
• PLL function
• Data input by serial transfer (CCB format)
• Input amplifier for crystal oscillation circuit
• Data output port




Similar Part No. - LV2105V

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
LV2101 KNOX-LV2101 Datasheet
37Kb / 1P
   UHF HYPERABRUPT TUNING DIODES
LV2101A KNOX-LV2101A Datasheet
37Kb / 1P
   UHF HYPERABRUPT TUNING DIODES
LV2102 KNOX-LV2102 Datasheet
37Kb / 1P
   UHF HYPERABRUPT TUNING DIODES
LV2102A KNOX-LV2102A Datasheet
37Kb / 1P
   UHF HYPERABRUPT TUNING DIODES
LV2103 KNOX-LV2103 Datasheet
37Kb / 1P
   UHF HYPERABRUPT TUNING DIODES
More results


Similar Description - LV2105V

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9181P TOSHIBA-TC9181P Datasheet
480Kb / 12P
   PLL FREQUENCY SYNTHESIZER LSI FOR COMMUNICATION USE
TC9223P TOSHIBA-TC9223P Datasheet
427Kb / 10P
   PLL FREQUENCY SYNTHESIZER LSI FOR COMMUNICATION USE
logo
Sanyo Semicon Device
LC7120 SANYO-LC7120 Datasheet
130Kb / 3P
   CMOS LSI 27MHz CB TRANSCEIVER PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com