Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC94095 Datasheet (PDF) - Micrel Semiconductor

MIC94095 Datasheet PDF - Micrel Semiconductor
Part No. MIC94095
Download  MIC94095 Click to view

File Size   821.86 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Side Load Switches for Consumer Applications

MIC94095 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94095 Datasheet PDF - Micrel Semiconductor

Part No. MIC94095
Download  MIC94095 Click to view

File Size   821.86 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Side Load Switches for Consumer Applications

MIC94095 Datasheet (HTML) - Micrel Semiconductor

Back Button MIC94095 Datasheet HTML 1Page - Micrel Semiconductor MIC94095 Datasheet HTML 2Page - Micrel Semiconductor MIC94095 Datasheet HTML 3Page - Micrel Semiconductor MIC94095 Datasheet HTML 4Page - Micrel Semiconductor MIC94095 Datasheet HTML 5Page - Micrel Semiconductor MIC94095 Datasheet HTML 6Page - Micrel Semiconductor MIC94095 Datasheet HTML 7Page - Micrel Semiconductor MIC94095 Datasheet HTML 8Page - Micrel Semiconductor MIC94095 Datasheet HTML 9Page - Micrel Semiconductor MIC94095 Datasheet HTML 10Page - Micrel Semiconductor Next Button 

MIC94095 Product details

General Description

The MIC94090/1/2/3/4/5 is a family of high-side load switches designed for operation from 1.7V to 5.5V input voltage. The load switch pass element is an internal 130mΩRDS(ON)P channel MOSFET which enables the device to support up to 1.2A  continuous current. Additionally, the load switch supports 1.5V logic level control and shutdown features.



Features

• 1.7V to 5.5V input voltage range

• 1.2A continuous operating current

• 130mΩ RDS(ON)

• Internal level shift for CMOS/TTL control logic

• Ultra low quiescent current

• Micro-power shutdown current

• Rapid turn-on: MIC94090/1

• Soft-Start: MIC94092/3 (790µs), MIC94094/5 (120µs)

• Load discharge circuit: MIC94091/3/5

• Space saving and thermally capable 1.2mm x 1.2mm Thin MLF® package

• Industry standard SC-70-6 package



Applications

•Cellular phones

• Portable Navigation Devices (PND)

•GPS modules

• Personal Media Players (PMP)

•Ultra Mobile PCs

• Other Portable applications

•PDAs

•Portable instrumentation

• Industrial and DataComm equipment



Similar Part No. - MIC94095

ManufacturerPart No.DatasheetDescription
Micrel Semiconductor
Micrel Semiconductor
MIC94095YC6 MICREL-MIC94095YC6 Datasheet
821Kb / 16P
   High Side Load Switches for Consumer Applications
MIC94095YMT MICREL-MIC94095YMT Datasheet
821Kb / 16P
   High Side Load Switches for Consumer Applications
More results

Similar Description - MIC94095

ManufacturerPart No.DatasheetDescription
Micrel Semiconductor
Micrel Semiconductor
MIC94040 MICREL-MIC94040_09 Datasheet
821Kb / 16P
   High Side Load Switches for Consumer Applications
Anpec Electronics Coropration
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
Infineon Technologies AG
Infineon Technologies A...
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
Anpec Electronics Coropration
Anpec Electronics Corop...
APL3580 ANPEC-APL3580 Datasheet
223Kb / 14P
   33mW 3A High Side Load Switches
Freescale Semiconductor, Inc
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
Infineon Technologies AG
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-4T INFINEON-TLV4964-4T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz