Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1310KV18 Datasheet (PDF) - Cypress Semiconductor

CY7C1310KV18 Datasheet PDF - Cypress Semiconductor
Part # CY7C1310KV18
Download  CY7C1310KV18 Download

File Size   1353.22 Kbytes
Page   32 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 18-Mbit QDR짰 II SRAM Two-Word Burst Architecture

CY7C1310KV18 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1310KV18 Datasheet PDF - Cypress Semiconductor

Part # CY7C1310KV18
Download  CY7C1310KV18 Click to download

File Size   1353.22 Kbytes
Page   32 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 18-Mbit QDR짰 II SRAM Two-Word Burst Architecture

CY7C1310KV18 Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C1310KV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1310KV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C1310KV18 Product details

Functional Description
The CY7C1312KV18, CY7C1314KV18, and CY7C1910KV18 are 1.8 V Synchronous Pipelined SRAMs, equipped with QDR II architecture. QDR II architecture consists of two separate ports: the read port and the write port to access the memory array. The read port has dedicated data outputs to support read operations and the write port has dedicated data inputs to support write operations. QDR II architecture has separate data inputs and data outputs to completely eliminate the need to ‘turnaround’ the data bus that exists with common I/O devices.

Features
■ Separate independent read and write data ports
   ❐ Supports concurrent transactions
■ 333 MHz clock for high bandwidth
■ Two-word burst on all accesses
■ Double-data rate (DDR) interfaces on both read and write ports (data transferred at 666 MHz) at 333 MHz
■ Two input clocks (K and K) for precise DDR timing
   ❐ SRAM uses rising edges only
■ Two input clocks for output data (C and C) to minimize clock skew and flight time mismatches
■ Echo clocks (CQ and CQ) simplify data capture in high-speed systems
■ Single multiplexed address input bus latches address inputs for both read and write ports
■ Separate port selects for depth expansion
■ Synchronous internally self-timed writes
■ QDR® II operates with 1.5 cycle read latency when DOFF is asserted HIGH
■ Operates similar to QDR I device with one cycle read latency when DOFF is asserted LOW
■ Available in ×8, ×9, ×18, and ×36 configurations
■ Full data coherency, providing most current data
■ Core VDD = 1.8 V (±0.1 V); I/O VDDQ = 1.4 V to VDD
   ❐ Supports both 1.5 V and 1.8 V I/O supply
■ Available in 165-ball FBGA package (13 × 15 × 1.4 mm)
■ Offered in both Pb-free and non Pb-free packages
■ Variable drive HSTL output buffers
■ JTAG 1149.1 compatible test access port
■ PLL for accurate data placement



Similar Part No. - CY7C1310KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310AV18 CYPRESS-CY7C1310AV18 Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310AV18-133BZC CYPRESS-CY7C1310AV18-133BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310AV18-167BZC CYPRESS-CY7C1310AV18-167BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
More results


Similar Description - CY7C1310KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1425KV18 CYPRESS-CY7C1425KV18_12 Datasheet
893Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1525KV18 CYPRESS-CY7C1525KV18_12 Datasheet
893Kb / 34P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1425KV18 CYPRESS-CY7C1425KV18_13 Datasheet
895Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1313CV18 CYPRESS-CY7C1313CV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1312CV18 CYPRESS-CY7C1312CV18_11 Datasheet
1Mb / 26P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1311KV18 CYPRESS-CY7C1311KV18 Datasheet
1Mb / 33P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1311KV18 CYPRESS-CY7C1311KV18_12 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com