Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B1G0846G Datasheet (PDF) - Samsung semiconductor

K4B1G0846G Datasheet PDF - Samsung semiconductor
Part # K4B1G0846G
Download  K4B1G0846G Download

File Size   1865.14 Kbytes
Page   64 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1Gb G-die DDR3 SDRAM

K4B1G0846G Datasheet (PDF)

Go To PDF Page Download Datasheet
K4B1G0846G Datasheet PDF - Samsung semiconductor

Part # K4B1G0846G
Download  K4B1G0846G Click to download

File Size   1865.14 Kbytes
Page   64 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1Gb G-die DDR3 SDRAM

K4B1G0846G Datasheet (HTML) - Samsung semiconductor

Back Button K4B1G0846G Datasheet HTML 1Page - Samsung semiconductor K4B1G0846G Datasheet HTML 2Page - Samsung semiconductor K4B1G0846G Datasheet HTML 3Page - Samsung semiconductor K4B1G0846G Datasheet HTML 4Page - Samsung semiconductor K4B1G0846G Datasheet HTML 5Page - Samsung semiconductor K4B1G0846G Datasheet HTML 6Page - Samsung semiconductor K4B1G0846G Datasheet HTML 7Page - Samsung semiconductor K4B1G0846G Datasheet HTML 8Page - Samsung semiconductor K4B1G0846G Datasheet HTML 9Page - Samsung semiconductor K4B1G0846G Datasheet HTML 10Page - Samsung semiconductor Next Button 

K4B1G0846G Product details

1Gb G-die DDR3 SDRAM 78FBGA with Lead-Free & Halogen-Free (RoHS compliant)

The 1Gb DDR3 SDRAM G-die is organized as a 32Mbit x 4 I/Os x 8banks, 16Mbit x 8 I/Os x 8banks device. This synchronous device achieves high speed double-data-rate transfer rates of up to 1866Mb/sec/pin (DDR3- 1866) for general applications.
The chip is designed to comply with the following key DDR3 SDRAM features such as posted CAS, Programmable CWL, Internal (Self) Calibration, On Die Termination using ODT pin and Asynchronous Reset .

Key Features
• JEDEC standard 1.5V ± 0.075V Power Supply
• VDDQ = 1.5V ± 0.075V
• 400 MHz fCK for 800Mb/sec/pin, 533MHz fCK for 1066Mb/sec/pin, 667MHz fCK for 1333Mb/sec/pin, 800MHz fCK for 1600Mb/sec/pin 900MHz fCK for 1866Mb/sec/pin
• 8 Banks
• Programmable CAS Latency(posted CAS): 5,6,7,8,9,10,11,13
• Programmable Additive Latency: 0, CL-2 or CL-1 clock
• Programmable CAS Write Latency (CWL) = 5 (DDR3-800), 6 (DDR3-1066), 7 (DDR3-1333), 8 (DDR3-1600) and 9 (DDR3-1866)
• 8-bit pre-fetch
• Burst Length: 8 (Interleave without any limit, sequential with starting address “000” only), 4 with tCCD = 4 which does not allow seamless read or write [either On the fly using A12 or MRS]
• Bi-directional Differential Data-Strobe
• Internal(self) calibration : Internal self calibration through ZQ pin (RZQ : 240 ohm ± 1%)
• On Die Termination using ODT pin
• Average Refresh Period 7.8us at lower than TCASE 85°C, 3.9us at 85°C < TCASE < 95 °C
• Asynchronous Reset
• Package : 78 balls FBGA - x4/x8
• All of Lead-Free products are compliant for RoHS
• All of products are Halogen-free




Similar Part No. - K4B1G0846G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B1G0846G-BC SAMSUNG-K4B1G0846G-BC Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
K4B1G0846G-BY SAMSUNG-K4B1G0846G-BY Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results


Similar Description - K4B1G0846G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B1G0446D SAMSUNG-K4B1G0446D Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4B1G0446C SAMSUNG-K4B1G0446C Datasheet
1Mb / 63P
   1Gb C-die DDR3 SDRAM Specification
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com