Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC8766C8A Datasheet (PDF) - Sanyo Semicon Device

LC8766C8A Datasheet PDF - Sanyo Semicon Device
Part No. LC8766C8A
Download  LC8766C8A Click to view

File Size   681.01 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller

LC8766C8A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC8766C8A Datasheet PDF - Sanyo Semicon Device

Part No. LC8766C8A
Download  LC8766C8A Click to view

File Size   681.01 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller

LC8766C8A Datasheet (HTML) - Sanyo Semicon Device

Back Button LC8766C8A Datasheet HTML 1Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 2Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 3Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 4Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 5Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 6Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 7Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 8Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 9Page - Sanyo Semicon Device LC8766C8A Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC8766C8A Product details

Overview
The LC8766C8A/LC8766B2A/LC876696A are 8 bit single chip microcontrollers with the following on-chip functional blocks :
   - CPU: operable at a minimum bus cycle time of 100ns
   - On-chip ROM Maximum Capacity : LC8766C8A 128K bytes
                                                              LC8766B2A 112K bytes
                                                              LC876696A 96K bytes
   - On-chip RAM: 4096 bytes
   - VFD automatic display controller / driver
   - 16 bit timer / counter (can be divided into two 8 bit timers)
   - 16 bit timer / PWM (can be divided into two 8 bit timers)
   - timer for use as date / time clock
   - High speed clock counter
   - System clock divider function
   - synchronous serial I/O port (with automatic block transmit / receive function)
   - asynchronous / synchronous serial I/O port
   - 12-channel × 8-bit AD converter
   - Weak signal detector
   - 15-source 10-vectored interrupt system

All of the above functions are fabricated on a single chip.



Similar Part No. - LC8766C8A

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LC876662B SANYO-LC876662B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
LC876678B SANYO-LC876678B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
LC876694B SANYO-LC876694B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
More results

Similar Description - LC8766C8A

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
NEC
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz