Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K52P144M100SF2 Datasheet (PDF) - Freescale Semiconductor, Inc

K52P144M100SF2 Datasheet PDF - Freescale Semiconductor, Inc
Part # K52P144M100SF2
Download  K52P144M100SF2 Download

File Size   1838.77 Kbytes
Page   75 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz

K52P144M100SF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
K52P144M100SF2 Datasheet PDF - Freescale Semiconductor, Inc

Part # K52P144M100SF2
Download  K52P144M100SF2 Click to download

File Size   1838.77 Kbytes
Page   75 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz

K52P144M100SF2 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button K52P144M100SF2 Datasheet HTML 1Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 2Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 3Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 4Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 5Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 6Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 7Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 8Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 9Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

K52P144M100SF2 Product details

Features
• Operating Characteristics
   – Voltage range: 1.71 to 3.6 V
   – Flash write voltage range: 1.71 to 3.6 V
   – Temperature range (ambient): -40 to 85°C
• Performance
   – Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
• Memories and memory interfaces
   – Up to 512 KB program flash memory on nonFlexMemory devices
   – Up to 128 KB RAM
   – Serial programming interface (EzPort)
   – FlexBus external bus interface
• Clocks
   – 3 to 32 MHz crystal oscillator
   – 32 kHz crystal oscillator
   – Multi-purpose clock generator
• System peripherals
   – 10 low-power modes to provide power optimization based on application requirements
   – Memory protection unit with multi-master protection
   – 16-channel DMA controller, supporting up to 64 request sources
   – External watchdog monitor
   – Software watchdog
   – Low-leakage wakeup unit
• Security and integrity modules
   – Hardware CRC module to support fast cyclic redundancy checks
   – Hardware random-number generator
   – Hardware encryption supporting DES, 3DES, AES, MD5, SHA-1, and SHA-256 algorithms
   – 128-bit unique identification (ID) number per chip
• Human-machine interface
   – Low-power hardware touch sensor interface (TSI)
   – General-purpose input/output
• Analog modules
   – Two 16-bit SAR ADCs
   – Programmable gain amplifier (up to x64) integrated into each ADC
   – Two 12-bit DACs
   – Two operational amplifiers
   – Two transimpedance amplifiers
   – Three analog comparators (CMP) containing a 6-bit DAC and programmable reference input
   – Voltage reference
• Timers
   – Programmable delay block
   – Eight-channel motor control/general purpose/PWM timer
   – Two 2-channel quadrature decoder/general purpose timers
   – IEEE 1588 timers
   – Periodic interrupt timers
   – 16-bit low-power timer
   – Carrier modulator transmitter
   – Real-time clock
• Communication interfaces
   – Ethernet controller with MII and RMII interface to external PHY and hardware IEEE 1588 capability
   – USB full-/low-speed On-the-Go controller with onchip transceiver
   – Three SPI modules
   – Two I2C modules
   – Six UART modules
   – Secure Digital host controller (SDHC)
   – I2S module




Similar Part No. - K52P144M100SF2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K52P144M100SF2 NXP-K52P144M100SF2 Datasheet
2Mb / 82P
   K52 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K52P144M100SF2V2 FREESCALE-K52P144M100SF2V2 Datasheet
1Mb / 80P
   K52 Sub-Family
logo
NXP Semiconductors
K52P144M100SF2V2 NXP-K52P144M100SF2V2 Datasheet
1Mb / 82P
   K52 Sub-Family
Rev. 3, 6/2013
More results


Similar Description - K52P144M100SF2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P144M100SF2 FREESCALE-K40P144M100SF2_11 Datasheet
1Mb / 75P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P144M100SF2 FREESCALE-K20P144M100SF2_11 Datasheet
1Mb / 74P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P100M100SF2 FREESCALE-K50P100M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P81M100SF2 FREESCALE-K20P81M100SF2_11 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com