Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WT431LA Datasheet (PDF) - Weitron Technology

WT431LA Datasheet PDF - Weitron Technology
Part No. WT431LA
Download  WT431LA Click to view

File Size   591.77 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PROGRAMMABLE PRECISION REFERENCE

WT431LA Datasheet (PDF)

Go To PDF Page Download Datasheet
WT431LA Datasheet PDF - Weitron Technology

Part No. WT431LA
Download  WT431LA Click to view

File Size   591.77 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PROGRAMMABLE PRECISION REFERENCE

WT431LA Datasheet (HTML) - Weitron Technology

WT431LA Datasheet HTML 1Page - Weitron Technology WT431LA Datasheet HTML 2Page - Weitron Technology WT431LA Datasheet HTML 3Page - Weitron Technology WT431LA Datasheet HTML 4Page - Weitron Technology WT431LA Datasheet HTML 5Page - Weitron Technology

WT431LA Product details

Description:
* The WT431 is a three-terminal adjustable regulator with a guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between Vref(approximately 2.5) and 36V with two external resistors. It provides very wide applications, including shunt regulator, series regulator, switching regulator, voltage reference and others.

Features:
* Programmagle output voltage to 36V.
* Low dynamic output impedance 0.2Ω.
* Sink current capability of 1 to 100mA.
* Equivalent full-range temperature coefficient of 50ppm/°C typical for operation over full rated operating temperature range.



Similar Part No. - WT431LA

ManufacturerPart No.DatasheetDescription
Weitron Technology
Weitron Technology
WT431 WEITRON-WT431 Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
WT431A WEITRON-WT431A Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
WT431B WEITRON-WT431B Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
More results

Similar Description - WT431LA

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
Unisonic Technologies
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
Texas Instruments
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
Unisonic Technologies
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
Hangzhou Youwang Electronics Co., Ltd
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
Dongguan Pingjingsemi Technology Co., Ltd,
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
Texas Instruments
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Datasheet Page

1  2  3  4  5 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz