Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT13P20DE6 Datasheet (PDF) - Diodes Incorporated

ZXT13P20DE6 Datasheet PDF - Diodes Incorporated
Part # ZXT13P20DE6
Download  ZXT13P20DE6 Download

File Size   418.99 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13P20DE6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT13P20DE6 Datasheet PDF - Diodes Incorporated

Part # ZXT13P20DE6
Download  ZXT13P20DE6 Click to download

File Size   418.99 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13P20DE6 Datasheet (HTML) - Diodes Incorporated

ZXT13P20DE6 Datasheet HTML 1Page - Diodes Incorporated ZXT13P20DE6 Datasheet HTML 2Page - Diodes Incorporated ZXT13P20DE6 Datasheet HTML 3Page - Diodes Incorporated ZXT13P20DE6 Datasheet HTML 4Page - Diodes Incorporated ZXT13P20DE6 Datasheet HTML 5Page - Diodes Incorporated ZXT13P20DE6 Datasheet HTML 6Page - Diodes Incorporated

ZXT13P20DE6 Product details

SUMMARY

VCEO=-20V; RSAT = 47m ; IC= -3.5A



DESCRIPTION

This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.



FEATURES

• Extremely Low Equivalent On Resistance

• Extremely Low Saturation Voltage

• hFE characterised up to 10A

• IC=3.5A Continuous Collector Current

• SOT23-6 package



APPLICATIONS

• DC - DC Converters

• Power Management Functions

• Power switches

• Motor control



 




Similar Part No. - ZXT13P20DE6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P20DE6TA ZETEX-ZXT13P20DE6TA Datasheet
409Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P20DE6TA DIODES-ZXT13P20DE6TA Datasheet
376Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13P20DE6TC ZETEX-ZXT13P20DE6TC Datasheet
409Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P20DE6 DIODES-ZXT13P20DE6_15 Datasheet
196Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
More results


Similar Description - ZXT13P20DE6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT10P20DE6 DIODES-ZXT10P20DE6 Datasheet
242Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P20DX ZETEX-ZXT12P20DX Datasheet
255Kb / 6P
   DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com