Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT13N20DE6 Datasheet (PDF) - Diodes Incorporated

ZXT13N20DE6 Datasheet PDF - Diodes Incorporated
Part # ZXT13N20DE6
Download  ZXT13N20DE6 Download

File Size   442.79 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13N20DE6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT13N20DE6 Datasheet PDF - Diodes Incorporated

Part # ZXT13N20DE6
Download  ZXT13N20DE6 Click to download

File Size   442.79 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13N20DE6 Datasheet (HTML) - Diodes Incorporated

ZXT13N20DE6 Datasheet HTML 1Page - Diodes Incorporated ZXT13N20DE6 Datasheet HTML 2Page - Diodes Incorporated ZXT13N20DE6 Datasheet HTML 3Page - Diodes Incorporated ZXT13N20DE6 Datasheet HTML 4Page - Diodes Incorporated ZXT13N20DE6 Datasheet HTML 5Page - Diodes Incorporated ZXT13N20DE6 Datasheet HTML 6Page - Diodes Incorporated

ZXT13N20DE6 Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 15A
• IC=4.5A Continuous Collector Current
• SOT23-6 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT13N20DE6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6TA ZETEX-ZXT13N20DE6TA Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N20DE6TA DIODES-ZXT13N20DE6TA Datasheet
425Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13N20DE6TC ZETEX-ZXT13N20DE6TC Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N20DE6 DIODES-ZXT13N20DE6_15 Datasheet
425Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT13N20DE6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT11N20DF ZETEX-ZXT11N20DF Datasheet
407Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT11N20DF DIODES-ZXT11N20DF Datasheet
417Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com