Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN3AMC Datasheet (PDF) - Diodes Incorporated

ZXMN3AMC Datasheet PDF - Diodes Incorporated
Part # ZXMN3AMC
Download  ZXMN3AMC Download

File Size   659.87 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET

ZXMN3AMC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMN3AMC Datasheet PDF - Diodes Incorporated

Part # ZXMN3AMC
Download  ZXMN3AMC Click to download

File Size   659.87 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET

ZXMN3AMC Datasheet (HTML) - Diodes Incorporated

ZXMN3AMC Datasheet HTML 1Page - Diodes Incorporated ZXMN3AMC Datasheet HTML 2Page - Diodes Incorporated ZXMN3AMC Datasheet HTML 3Page - Diodes Incorporated ZXMN3AMC Datasheet HTML 4Page - Diodes Incorporated ZXMN3AMC Datasheet HTML 5Page - Diodes Incorporated ZXMN3AMC Datasheet HTML 6Page - Diodes Incorporated ZXMN3AMC Datasheet HTML 7Page - Diodes Incorporated ZXMN3AMC Datasheet HTML 8Page - Diodes Incorporated

ZXMN3AMC Product details

Description and Applications
This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
• DC-DC Converters
• Power management functions
• Disconnect switches
• Portable applications

Features and Benefits
• Low profile package, for thin applications
• Low RθJA, thermally efficient package
• 6mm2 footprint, 50% smaller than TSOP6 and SOT23-6
• Low on-resistance
• Fast switching speed
• “Lead-Free”, RoHS Compliant (Note 1)
• Halogen and Antimony Free. "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZXMN3AMC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN3AMC DIODES-ZXMN3AMC_15 Datasheet
659Kb / 8P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Similar Description - ZXMN3AMC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A06DN8 DIODES-ZXMN3A06DN8_15 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com