Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC662308A Datasheet (PDF) - Sanyo Semicon Device

LC662308A Datasheet PDF - Sanyo Semicon Device
Part # LC662308A
Download  LC662308A Download

File Size   176.36 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM

LC662308A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC662308A Datasheet PDF - Sanyo Semicon Device

Part # LC662308A
Download  LC662308A Click to download

File Size   176.36 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM

LC662308A Datasheet (HTML) - Sanyo Semicon Device

Back Button LC662308A Datasheet HTML 1Page - Sanyo Semicon Device LC662308A Datasheet HTML 2Page - Sanyo Semicon Device LC662308A Datasheet HTML 3Page - Sanyo Semicon Device LC662308A Datasheet HTML 4Page - Sanyo Semicon Device LC662308A Datasheet HTML 5Page - Sanyo Semicon Device LC662308A Datasheet HTML 6Page - Sanyo Semicon Device LC662308A Datasheet HTML 7Page - Sanyo Semicon Device LC662308A Datasheet HTML 8Page - Sanyo Semicon Device LC662308A Datasheet HTML 9Page - Sanyo Semicon Device LC662308A Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC662308A Product details

Overview
The LC66P2316 is an on-chip OTP PROM version of the LC6623XX Series CMOS 4-bit single-chip microcontrollers. The LC66P2316 is appropriate for program development and product evaluation since it provides identical functionality and pin compatibility with the LC662316A.

Features and Functions
• On-chip OTP ROM capacity of 16 kilobytes, and an onchip RAM capacity of 512 × 4 bits.
• Fully supports the LC66000 Series common instruction
   set (128 instructions).
• I/O ports: 36 pins
• DTMF generator
   This microcontroller incorporates a circuit that can
   generate two sine wave outputs, DTMF output, or a
   melody output for software applications.
• 8-bit serial interface: one circuit
• Instruction cycle time: 0.95 to 10 µs (at 4.0 to 5.5 V)
• Powerful timer functions and prescalers
   — Time limit timer, event counter, pulse width
      measurement, and square wave output using a 12-bit
      timer.
   — Time limit timer, event counter, PWM output, and
      square wave output using an 8-bit timer.
   — Time base function using a 12-bit prescaler.
• Powerful interrupt system with 10 interrupt factors and 7
   interrupt vector locations.
   — External interrupts: 3 factors/3 vector locations
   — Internal interrupts: 4 factors/4 vector locations
      (Waveform output internal interrupts: 3 factors and 1
      vector; shared with external expansion interrupts)
• Flexible I/O functions
   Selectable options include 20-mA drive outputs, inverter
   circuits, pull-up and open drain circuits.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP42S, QIP48E (QFP48E)
• Evaluation LSIs: LC66599 (evaluation chip) +
   EVA800/850-TB662YXX2




Similar Part No. - LC662308A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662308A SANYO-LC662308A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
More results


Similar Description - LC662308A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com