Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1028TK3V320 Datasheet (PDF) - NXP Semiconductors

TJA1028TK3V320 Datasheet PDF - NXP Semiconductors
Part # TJA1028TK3V320
Download  TJA1028TK3V320 Download

File Size   208.71 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LIN transceiver with integrated voltage regulator

TJA1028TK3V320 Datasheet (PDF)

Go To PDF Page Download Datasheet
TJA1028TK3V320 Datasheet PDF - NXP Semiconductors

Part # TJA1028TK3V320
Download  TJA1028TK3V320 Click to download

File Size   208.71 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LIN transceiver with integrated voltage regulator

TJA1028TK3V320 Datasheet (HTML) - NXP Semiconductors

Back Button TJA1028TK3V320 Datasheet HTML 1Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 2Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 3Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 4Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 5Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 6Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 7Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 8Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 9Page - NXP Semiconductors TJA1028TK3V320 Datasheet HTML 10Page - NXP Semiconductors Next Button 

TJA1028TK3V320 Product details

description

The TJA1028 is a LIN 2.0/2.1/SAE J2602 transceiver with an integrated low-drop voltage regulator. The voltage regulator can deliver up to 70 mA and is available in 3.3 V and 5.0 V variants. TJA1028 facilitates the development of compact nodes in Local Interconnect Network (LIN) bus systems. To support robust designs, the TJA1028 offers strong ElectroStatic Discharge (ESD) performance and can withstand high voltages on the LIN bus. In order to minimize current consumption, the TJA1028 supports a Sleep mode in which the LIN transceiver and the voltage regulator are powered down while still having wake-up capability via the LIN bus. The TJA1028 comes in an SO8 package, and also in a 3 mm3 mm HVSON8 package that reduces the required board space by over 70 %. This feature can prove extremely valuable when board space is limited.





Features

LIN 2.0/2.1/2.2 compliant

SAE J2602 compliant

Downward compatible with LIN 1.3

Internal LIN slave termination resistor

Voltage regulator offering 5 V or 3.3 V, 70 mA capability

(+/-)2 % voltage regulator accuracy over specified temperature and supply ranges

Voltage regulator output undervoltage detection with reset output

Voltage regulator is short-circuit proof to ground

Voltage regulator stable with ceramic, tantalum and aluminum electrolyte capacitors

Robust ESD performance; 8 kV according to IEC61000-4-2 for pins LIN and VBAT

Pins LIN and VBAT protected against transients in the automotive environment(ISO 7637)

Very low LIN bus leakage current of < 2 A when battery not connected

LIN pin short-circuit proof to battery and ground

Transmit data (TXD) dominant time-out function

Thermally protected

Very low ElectroMagnetic Emission (EME)

High ElectroMagnetic Immunity (EMI)

Typical Standby mode current of 45uA

Typical Sleep mode current of 12uA

LIN bus wake-up function

K-line compatible

Available in SO8 and HVSON8 packages



 




Similar Part No. - TJA1028TK3V320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020 PHILIPS-TJA1020 Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results


Similar Description - TJA1028TK3V320

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com