Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN4306A Datasheet (PDF) - Diodes Incorporated

ZVN4306A Datasheet PDF - Diodes Incorporated
Part # ZVN4306A
Download  ZVN4306A Download

File Size   149.25 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVN4306A Datasheet (PDF)

Go To PDF Page Download Datasheet
ZVN4306A Datasheet PDF - Diodes Incorporated

Part # ZVN4306A
Download  ZVN4306A Click to download

File Size   149.25 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVN4306A Datasheet (HTML) - Diodes Incorporated

ZVN4306A Datasheet HTML 1Page - Diodes Incorporated ZVN4306A Datasheet HTML 2Page - Diodes Incorporated ZVN4306A Datasheet HTML 3Page - Diodes Incorporated

ZVN4306A Product details

Features and Benefits
• Breakdown Voltage BVDSS > 60V
• RDS(on) ≤ 0.33Ω @ VGS = 10V
• Maximum continuous drain current ID = 1.1A
• “Green” component, Lead Free Finish / RoHS compliant (Note 1)
• Qualified to AEC-Q101 Standards for High Reliability

Application
• DC – DC convertors
• Solenoids / relay drivers for automotive




Similar Part No. - ZVN4306A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4306A ZETEX-ZVN4306A Datasheet
137Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4306A DIODES-ZVN4306A Datasheet
366Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN E-LINE
ZVN4306ASTZ DIODES-ZVN4306ASTZ Datasheet
366Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN E-LINE
logo
Zetex Semiconductors
ZVN4306AV ZETEX-ZVN4306AV Datasheet
186Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4306AV DIODES-ZVN4306AV Datasheet
196Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Similar Description - ZVN4306A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com