Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR40402F25TA Datasheet (PDF) - Diodes Incorporated

ZR40402F25TA Datasheet PDF - Diodes Incorporated
Part # ZR40402F25TA
Download  ZR40402F25TA Download

File Size   90.54 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE

ZR40402F25TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZR40402F25TA Datasheet PDF - Diodes Incorporated

Part # ZR40402F25TA
Download  ZR40402F25TA Click to download

File Size   90.54 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE

ZR40402F25TA Datasheet (HTML) - Diodes Incorporated

ZR40402F25TA Datasheet HTML 1Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 2Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 3Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 4Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 5Page - Diodes Incorporated

ZR40402F25TA Product details

Description
The ZR4040-2.5 uses a bandgap circuit design to achieve a precision micropower voltage reference of 2.5 volts. The device is available in a small outline surface mount package, ideal for applications where space saving is important, as well as packages for through hole requirements.

Features
• Small outline SOT23 package
• No stabilizing capacitor required
• Typical TC 30ppm/°C
• Typical slope resistance 0.4Ω
• 2%, 1% and 0.5% tolerance
• Industrial temperature range
• Operating current 60μA to 15mA
• Transient response, stable in less than 10μs
• Green molding compound (No Br, Sb)

Applications
• Battery powered and portable equipment
• Metering and measurement systems
• Instrumentation
• Test equipment
• Data acquisition systems
• Precision power supplies




Similar Part No. - ZR40402F25TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402F25TA DIODES-ZR40402F25TA Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Similar Description - ZR40402F25TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com