Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR3045PT Datasheet (PDF) - Pan Jit International Inc.

MBR3045PT Datasheet PDF - Pan Jit International Inc.
Part # MBR3045PT
Download  MBR3045PT Download

File Size   50.45 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SCHOTTKY BARRIER RECTIFIERS

MBR3045PT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3045PT Datasheet PDF - Pan Jit International Inc.

Part # MBR3045PT
Download  MBR3045PT Click to download

File Size   50.45 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SCHOTTKY BARRIER RECTIFIERS

MBR3045PT Datasheet (HTML) - Pan Jit International Inc.

MBR3045PT Datasheet HTML 1Page - Pan Jit International Inc. MBR3045PT Datasheet HTML 2Page - Pan Jit International Inc.

MBR3045PT Product details

VOLTAGE 40 to 200 Volt CURRENT 30 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O.
   Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High current capability
• Guardring for overvoltage protection
• For use in low voltage, high frequency inverters
   free wheeling , and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive

MECHANICAL DATA
• Case: TO-247AD/TO-3P molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.2245 ounces, 6.3673 grams.



Similar Part No. - MBR3045PT

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MBR3045PT FAIRCHILD-MBR3045PT Datasheet
55Kb / 3P
   Schottky Rectifiers
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
MBR3045PT TSC-MBR3045PT Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
Nantong Hornby Electronic Co.,Ltd
Nantong Hornby Electron...
MBR3045PT HORNBY-MBR3045PT Datasheet
318Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
Diodes Incorporated
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
Vishay Siliconix
Vishay Siliconix
MBR3045PT VISHAY-MBR3045PT Datasheet
92Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 07-May-08
More results

Similar Description - MBR3045PT

ManufacturerPart #DatasheetDescription
Leshan Radio Company
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
Comchip Technology
Comchip Technology
SR10C20CF-G COMCHIP-SR10C20CF-G Datasheet
52Kb / 2P
   Schottky Barrier Rectifiers
SR16C20CF-G COMCHIP-SR16C20CF-G Datasheet
52Kb / 2P
   Schottky Barrier Rectifiers
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
   Schottky Barrier Rectifiers
SR8A20-G COMCHIP-SR8A20-G Datasheet
51Kb / 2P
   Schottky Barrier Rectifiers
Motorola, Inc
Motorola, Inc
MBR320P MOTOROLA-MBR320P Datasheet
1Mb / 4P
   SCHOTTKY BARRIER RECTIFIERS
Mospec Semiconductor
Mospec Semiconductor
S10C150C MOSPEC-S10C150C Datasheet
160Kb / 2P
   Schottky Barrier Rectifiers
S16C30CE MOSPEC-S16C30CE Datasheet
186Kb / 2P
   Schottky Barrier Rectifiers
S30C30CE MOSPEC-S30C30CE Datasheet
179Kb / 2P
   Schottky Barrier Rectifiers
S30C90C MOSPEC-S30C90C Datasheet
149Kb / 2P
   Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com