Manufacturer | Part # | Datasheet | Description |
Maxim Integrated Produc... |
MAX6613
|
641Kb / 6P |
Low-Voltage Analog Temperature Sensor in an SC70 Package
2015 |
MAX6613
|
114Kb / 6P |
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03 |
MAX6612
|
124Kb / 5P |
High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package
Rev 0; 7/02 |
MAX6605
|
125Kb / 6P |
Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09 |
MAX6605
|
97Kb / 6P |
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08 |
MAX6605
|
130Kb / 5P |
Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00 |
Global Mixed-mode Techn... |
G711
|
45Kb / 1P |
Low-Voltage Analog Temperature Sensor in Tiny Package
|
Maxim Integrated Produc... |
MAX9155
|
147Kb / 9P |
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
19-2213; Rev 0; 10/01 |
MAX9155EXT
|
149Kb / 9P |
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 0; 10/01 |
MAX6607
|
135Kb / 6P |
Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01 |