Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC144111P Datasheet (PDF) - Freescale Semiconductor, Inc

MC144111P Datasheet PDF - Freescale Semiconductor, Inc
Part # MC144111P
Download  MC144111P Download

File Size   683.58 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital-to-Analog Converters with Serial Interface

MC144111P Datasheet (PDF)

Go To PDF Page Download Datasheet
MC144111P Datasheet PDF - Freescale Semiconductor, Inc

Part # MC144111P
Download  MC144111P Click to download

File Size   683.58 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital-to-Analog Converters with Serial Interface

MC144111P Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC144111P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC144111P Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC144111P Product details

Digital-to-Analog Converters with Serial Interface CMOS LSI



Introduction

The MC144110 and MC144111 are low-cost 6-bit D/A converters with serial interface ports to provide communication with CMOSmicroprocessors and microcomputers. The MC144110 contains six static D/A converters; the MC144111 contains four converters. Due to a unique feature of these DACs, the user is permitted easy scaling of the analog outputs of a system. Over a 5 to 15 V supply range, these DACs may be directly interfaced to CMOS MPUs operating at 5 V.



ï Direct R-2R Network Outputs

ï Buffered Emitter-Follower Outputs

ï Serial Data Input

ï Digital Data Output Facilitates Cascading

ï Direct Interface to CMOS µP

ï Wide Operating Voltage Range: 4.5 to 15 V

ï Wide Operating Temperature Range: 0 to 85°C

ï Software Information is Contained in Document M68HC11RM/AD



Similar Part No. - MC144111P

ManufacturerPart #DatasheetDescription
LANSDALE Semiconductor Inc.
LANSDALE Semiconductor ...
MC144111P LANSDALE-MC144111P Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
MC144111P LANSDALE-MC144111P Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Similar Description - MC144111P

ManufacturerPart #DatasheetDescription
LANSDALE Semiconductor Inc.
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
ML144110 LANSDALE-ML144110_08 Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
Texas Instruments
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com