Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G50N60HS Datasheet (PDF) - Infineon Technologies AG

G50N60HS Datasheet PDF - Infineon Technologies AG
Part # G50N60HS
Download  G50N60HS Download

File Size   355.61 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation

G50N60HS Datasheet (PDF)

Go To PDF Page Download Datasheet
G50N60HS Datasheet PDF - Infineon Technologies AG

Part # G50N60HS
Download  G50N60HS Click to download

File Size   355.61 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation

G50N60HS Datasheet (HTML) - Infineon Technologies AG

Back Button G50N60HS Datasheet HTML 1Page - Infineon Technologies AG G50N60HS Datasheet HTML 2Page - Infineon Technologies AG G50N60HS Datasheet HTML 3Page - Infineon Technologies AG G50N60HS Datasheet HTML 4Page - Infineon Technologies AG G50N60HS Datasheet HTML 5Page - Infineon Technologies AG G50N60HS Datasheet HTML 6Page - Infineon Technologies AG G50N60HS Datasheet HTML 7Page - Infineon Technologies AG G50N60HS Datasheet HTML 8Page - Infineon Technologies AG G50N60HS Datasheet HTML 9Page - Infineon Technologies AG G50N60HS Datasheet HTML 10Page - Infineon Technologies AG Next Button 

G50N60HS Product details

High Speed IGBT in NPT-technology
• 30% lower Eoff compared to previous generation
• Short circuit withstand time – 10 µs
• Designed for operation above 30 kHz
• NPT-Technology for 600V applications offers:
- parallel switching capability
- moderate Eoff increase with temperature
- very tight parameter distribution
• High ruggedness, temperature stable behaviour
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC1
for target applications
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/




Similar Part No. - G50N60HS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
G50N60F ONSEMI-G50N60F Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Similar Description - G50N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB06N60HS INFINEON-SKB06N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
SGP20N60HS INFINEON-SGP20N60HS_09 Datasheet
388Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SKW20N60HS INFINEON-SKW20N60HS_08 Datasheet
352Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SKB15N60HS INFINEON-SKB15N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.3 Oct. 07
SGP30N60HS INFINEON-SGP30N60HS_09 Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SKW30N60HS INFINEON-SKW30N60HS_08 Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com