Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977F-A Datasheet (PDF) - Winbond

W83977F-A Datasheet PDF - Winbond
Part # W83977F-A
Download  W83977F-A Download

File Size   1212.36 Kbytes
Page   182 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83977F-A Datasheet (PDF)

Go To PDF Page Download Datasheet
W83977F-A Datasheet PDF - Winbond

Part # W83977F-A
Download  W83977F-A Click to download

File Size   1212.36 Kbytes
Page   182 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83977F-A Datasheet (HTML) - Winbond

Back Button W83977F-A Datasheet HTML 1Page - Winbond W83977F-A Datasheet HTML 2Page - Winbond W83977F-A Datasheet HTML 3Page - Winbond W83977F-A Datasheet HTML 4Page - Winbond W83977F-A Datasheet HTML 5Page - Winbond W83977F-A Datasheet HTML 6Page - Winbond W83977F-A Datasheet HTML 7Page - Winbond W83977F-A Datasheet HTML 8Page - Winbond W83977F-A Datasheet HTML 9Page - Winbond W83977F-A Datasheet HTML 10Page - Winbond Next Button 

W83977F-A Product details

GENERAL DESCRIPTION

This data sheet covers two products: W83977F, and W83977AF whose pin assignment, and most of the functions are the same. W83977AF is an advanced version of W83977F featuring the FIR function.



FEATURES

General

• Plug & Play 1.0A Compliant

• Support 13 IRQs, 4 DMA channels, full 16-bit addresses decoding

• Capable of ISA Bus IRQ Sharing

• Compliant with Microsoft PC97 Hardware Design Guide

• Support DPM (Device Power Management), ACPI

• Programmable configuration settings

• 24 or 14.318 Mhz clock input



FDC

• Compatible with IBM PC AT disk drive systems

• Variable write pre-compensation with track selectable capability

• Support vertical recording format

• DMA enable logic

• 16-byte data FIFOs

• Support floppy disk drives and tape drives

• Detects all overrun and underrun conditions

• Built-in address mark detection circuit to simplify the read electronics

• FDD anti-virus functions with software write protect and FDD write enable signal (write data signal was forced to be inactive)

• Support up to four 3.5-inch or 5.25-inch floppy disk drives

• Completely compatible with industry standard 82077

• 360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate

• Support 3-mode FDD, and its Win95 driver



UART

• Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs

• 3rd UART with 32-byte send/receive FIFO is supported for IR function [W83977AF only]

• MIDI compatible

• Fully programmable serial-interface characteristics:

   --- 5, 6, 7 or 8-bit characters

   --- Even, odd or no parity bit generation/detection

   --- 1, 1.5 or 2 stop bits generation

• Internal diagnostic capabilities:

   --- Loop-back controls for communications link fault isolation

   --- Break, parity, overrun, framing error simulation

• Programmable baud generator allows division of 1.8461 Mhz and 24 Mhz by 1 to (216-1)

• Maximum baud rate up to 921k bps for 14.769 Mhz and 1.5M bps for 24 Mhz



Infrared

• Support IrDA version 1.0 SIR protocol with maximum baud rate up to 115.2K bps

• Support SHARP ASK-IR protocol with maximum baud rate up to 57,600 bps

• Support IrDA version 1.1 MIR (1.152M bps) and FIR (4M bps) protocol [W83977AF only]

   --- Single DMA channel for transmitter or receiver

   --- 3rd UART with 32-byte FIFO is supported in both TX/RX transmission [W83977AF only]

   --- 8-byte status FIFO is supported to store received frame status (such as overrun CRC error, etc.)

• Support auto-config SIR and FIR [W83977AF only]



Parallel Port

• Compatible with IBM parallel port

• Support PS/2 compatible bi-directional parallel port

• Support Enhanced Parallel Port (EPP) - Compatible with IEEE 1284 specification

• Support Extended Capabilities Port (ECP) - Compatible with IEEE 1284 specification

• Extension FDD mode supports disk drive B; and Extension 2FDD mode supports disk drives A and B through parallel port

• Enhanced printer port back-drive current protection



Advanced Power Management (APM) Controlling

• Power turned on when RTC reaches a preset date and time

• Power turned on when a ring pulse or pulse train is detected on the PHRI, or when a high to low transition on PWAKIN1, or PWAKIN2 input signals

• Power turned on when PANSW input signal indicates a switch on event

• Power turned off when PANSW input signal indicates a switch off event

• Power turned off when a fail-safe event occurs (power-save mode detected but system is hung up)

• Power turned off when software issues a power off command



Keyboard Controller

• 8042 based with optional F/W from AMIKKEYTM-2, Phoenix MultiKey/42TM or customer code with 2K bytes of programmable ROM, and 256 bytes of RAM

• Asynchronous Access to Two Data Registers and One status Register

• Software compatibility with the 8042 and PC87911 microcontrollers

• Support PS/2 mouse

• Support port 92

• Support both interrupt and polling modes

• Fast Gate A20 and Hardware Keyboard Reset

• 8 Bit Timer/ Counter; support binary and BCD arithmetic

• 6, 8, 12, or 16 Mhz operating frequency (16 Mhz available only if input clock rate = 14.318 Mhz)



 




Similar Part No. - W83977F-A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977F WINBOND-W83977F Datasheet
2Mb / 181P
   PLUG & PLAY 1.0A COMPLIANT
More results


Similar Description - W83977F-A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
W83627SF WINBOND-W83627SF Datasheet
1Mb / 147P
   WINBOND I/O
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com