Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXI-2598 Datasheet (PDF) - National Instruments Corporation

NIPXI-2598 Datasheet PDF - National Instruments Corporation
Part # NIPXI-2598
Download  NIPXI-2598 Download

File Size   274.2 Kbytes
Page   4 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches

NIPXI-2598 Datasheet (PDF)

Go To PDF Page Download Datasheet
NIPXI-2598 Datasheet PDF - National Instruments Corporation

Part # NIPXI-2598
Download  NIPXI-2598 Click to download

File Size   274.2 Kbytes
Page   4 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches

NIPXI-2598 Datasheet (HTML) - National Instruments Corporation

NIPXI-2598 Datasheet HTML 1Page - National Instruments Corporation NIPXI-2598 Datasheet HTML 2Page - National Instruments Corporation NIPXI-2598 Datasheet HTML 3Page - National Instruments Corporation NIPXI-2598 Datasheet HTML 4Page - National Instruments Corporation



Similar Part No. - NIPXI-2598

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-2590 NI-NIPXI-2590 Datasheet
428Kb / 3P
   4x1 unterminated multiplexer/50 characteristic impedance
NIPXI-2591 NI-NIPXI-2591 Datasheet
428Kb / 3P
   4x1 unterminated multiplexer/50 characteristic impedance
NIPXI-2593 NI-NIPXI-2593 Datasheet
537Kb / 4P
   500 MHz bandwidth/50 OHM characteristic impedance
NIPXI-2593 NI-NIPXI-2593 Datasheet
508Kb / 4P
   250 MS/s, 125 MHz, 8-Bit Digitizers
NIPXI-2593 NI-NIPXI-2593 Datasheet
189Kb / 3P
   150MHz,200MS/s,12-BitDigitizersa
More results


Similar Description - NIPXI-2598

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2027 HP-HMMC-2027 Datasheet
77Kb / 6P
   DC-26.5 GHz SPDT GaAs MMIC Switch
logo
Intersil Corporation
IH5021 INTERSIL-IH5021 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Peregrine Semiconductor
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
logo
Agilent(Hewlett-Packard...
N4375B HP-N4375B Datasheet
589Kb / 20P
   20 GHz and 26.5 GHz Single-Mode
logo
National Instruments Co...
776572-90 NI-776572-90 Datasheet
428Kb / 3P
   1.3 GHz and 4 GHz Multiplexers
logo
Analog Devices
ADL8112 AD-ADL8112 Datasheet
1Mb / 27P
   10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
logo
Agilent(Hewlett-Packard...
N4376B HP-N4376B Datasheet
561Kb / 16P
   20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
   SPDT Switches
logo
Micronetics, Inc.
2S3021 MICRONETICS-2S3021 Datasheet
307Kb / 1P
   SPDT SWITCHES
logo
Mini-Circuits
M3SW_A-2-50DR MINI-M3SW_A-2-50DR Datasheet
128Kb / 1P
   High Isolation Switches SPDT, DC to 4.5 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com