Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7602CN Datasheet (PDF) - Fairchild Semiconductor

FAN7602CN Datasheet PDF - Fairchild Semiconductor
Part # FAN7602CN
Download  FAN7602CN Download

File Size   509.31 Kbytes
Page   19 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Current Mode PWM Controller

FAN7602CN Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN7602CN Datasheet PDF - Fairchild Semiconductor

Part # FAN7602CN
Download  FAN7602CN Click to download

File Size   509.31 Kbytes
Page   19 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Current Mode PWM Controller

FAN7602CN Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN7602CN Datasheet HTML 1Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 2Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 3Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 4Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 5Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 6Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 7Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 8Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 9Page - Fairchild Semiconductor FAN7602CN Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN7602CN Product details

Description

The FAN7602C is a green current-mode PWM controller. It is specially designed for off-line adapter applications; DVDP, VCR, LCD monitor applications; and auxiliary power supplies.

The internal high-voltage startup switch and the burst mode operation reduce the power loss in standby mode. As a result, the input power is lower than 1W when the input line voltage is 265VACand the load is 0.5W. At no load condition, input power is under 0.15W. The maximum power can be limited constantly, regardless of the line voltage change, using the power limit function. The switching frequency is not fixed and it has random frequency fluctuation.

The FAN7602C includes various protections for the system reliability and the internal soft-start prevents the output voltage over-shoot at startup.



Features

Green Current Mode PWM Controller

Random Frequency Fluctuation for Low EMI

Internal High-Voltage Startup Switch

Burst Mode Operation

Line Voltage Feedforward to Limit Maximum Power

Line Under-Voltage Protection

Latch Protection & Internal Soft-Start (10ms) Function

Overload Protection

Over-Voltage Protection

Over-Temperature Protection

Low Operation Current: 1mA Typical

8-Pin DIP/SOP




Similar Part No. - FAN7602CN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
FAN7602CMX ONSEMI-FAN7602CMX Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
More results


Similar Description - FAN7602CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601B FAIRCHILD-FAN7601B_12 Datasheet
677Kb / 10P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7602_0611 FAIRCHILD-FAN7602_0611 Datasheet
1Mb / 18P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
   Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_11 Datasheet
669Kb / 10P
   Green Current Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601_05 Datasheet
585Kb / 12P
   Green Current Mode PWM Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com