Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML512BC5T Datasheet (PDF) - Rohm

SML512BC5T Datasheet PDF - Rohm
Part # SML512BC5T
Download  SML512BC5T Download

File Size   101.83 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description <1.6 0.8 t=0.55mm> Low Current Type

SML512BC5T Datasheet (PDF)

Go To PDF Page Download Datasheet
SML512BC5T Datasheet PDF - Rohm

Part # SML512BC5T
Download  SML512BC5T Click to download

File Size   101.83 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description <1.6 0.8 t=0.55mm> Low Current Type

SML512BC5T Datasheet (HTML) - Rohm

SML512BC5T Datasheet HTML 1Page - Rohm SML512BC5T Datasheet HTML 2Page - Rohm SML512BC5T Datasheet HTML 3Page - Rohm

SML512BC5T Product details

SML-51 Series

1608(0603)
1.6× 0.8mm(t=0.55mm)

Features
• Original device technology enables high brightness and high reliability
• High reliability due to the wide operation
   temperature(-40℃ to +100℃) (SML-512(A) Series)




Similar Part No. - SML512BC5T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML512BC5T ROHM-SML512BC5T Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   SML-51 Series
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   SML-51 Series
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
More results


Similar Description - SML512BC5T

ManufacturerPart #DatasheetDescription
logo
Rohm
90885 ROHM-90885 Datasheet
112Kb / 3P
   0603<1.6 0.8 t=0.55mm> Standard Type
logo
OptoSupply Internationa...
OSR50603C1C OPTOSUPPLY-OSR50603C1C Datasheet
444Kb / 7P
   1.6 x 0.8 x 0.55mm SMD
logo
Rohm
SMLE12 ROHM-SMLE12 Datasheet
103Kb / 3P
   0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)
SMLA13BDT ROHM-SMLA13BDT Datasheet
100Kb / 2P
   Side View Chip LEDs 0605 <1.6 1.15 t=0.55mm> High Brightness Type
SMLA13 ROHM-SMLA13 Datasheet
96Kb / 2P
   Side View Chip LEDs 0605 <1.6 1.15 t=0.55mm> High Brightness Type
logo
ALPS ELECTRIC CO.,LTD.
SKRB ALPS-SKRB_15 Datasheet
773Kb / 3P
   0.55mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB Datasheet
196Kb / 3P
   0.55mm Height Low-profile (Surface Mount Type)
logo
OptoSupply Internationa...
OSRG0603C1C OPTOSUPPLY-OSRG0603C1C Datasheet
230Kb / 4P
   1.6 x 1.5 x 0.55mm Red & Yellow green SMD
logo
Kingbright Corporation
AP1608P1C-P22 KINGBRIGHT-AP1608P1C-P22 Datasheet
564Kb / 4P
   1.6 x 0.8 mm Phototransistor
logo
OptoSupply Internationa...
OSG50603C1D OPTOSUPPLY-OSG50603C1D Datasheet
445Kb / 7P
   1.6 x 0.8 x 0.45mm SMD
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com