Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-00003 Datasheet (PDF) - Tensility International Corp.

10-00003 Datasheet PDF - Tensility International Corp.
Part # 10-00003
Download  10-00003 Download

File Size   54.6 Kbytes
Page   1 Pages
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.
Description Cable, 102 mm, USB A receptacle to mini USB A plug, round cord, white

10-00003 Datasheet (PDF)

Go To PDF Page Download Datasheet
10-00003 Datasheet PDF - Tensility International Corp.

Part # 10-00003
Download  10-00003 Click to download

File Size   54.6 Kbytes
Page   1 Pages
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.
Description Cable, 102 mm, USB A receptacle to mini USB A plug, round cord, white

10-00003 Datasheet (HTML) - Tensility International Corp.

10-00003 Datasheet HTML 1Page - Tensility International Corp.



Similar Part No. - 10-00003

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00109 TENSILITY-10-00109 Datasheet
174Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL2468
10-00110 TENSILITY-10-00110 Datasheet
97Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL1185, shielded
10-00111 TENSILITY-10-00111 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL2468
10-00112 TENSILITY-10-00112 Datasheet
88Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL1185, shielded
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
More results


Similar Description - 10-00003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
847290006 MOLEX-847290006 Datasheet
241Kb / 1P
   USB-A CORD ASSEMBLY PLUG & BAYONET RECEPTACLE
2019/03/26
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
   2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
logo
Tensility International...
10-00652 TENSILITY-10-00652 Datasheet
408Kb / 2P
   Cable, 100 mm, mini USB A receptacle to USB A male, 28 AWG, 30-00088 wire
logo
Molex Electronics Ltd.
847290010 MOLEX-847290010 Datasheet
216Kb / 1P
   USB-A CORD ASSEMBLY RECEPTACLE
2019/03/26
logo
List of Unclassifed Man...
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
   USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
   USB C to USB 2.0 A Plug Cable
MC001000 ETC2-MC001000 Datasheet
164Kb / 1P
   USB C to USB 3.1 A Plug Cable
logo
SUYIN USA, INC.
CBL30094-1500 SUYIN-USA-CBL30094-1500 Datasheet
89Kb / 1P
   USB A CORE MINI USB 3PIN CABLE
logo
Assmann Electronics Inc...
AK670-R ASSMANN-AK670-R Datasheet
241Kb / 1P
   USB CABLE A TO A
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
   DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com