Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1468 Datasheet (PDF) - Sanyo Semicon Device

2SB1468 Datasheet PDF - Sanyo Semicon Device
Part # 2SB1468
Download  2SB1468 Download

File Size   113.65 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V/8A High-Speed Switching Applications

2SB1468 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1468 Datasheet PDF - Sanyo Semicon Device

Part # 2SB1468
Download  2SB1468 Click to download

File Size   113.65 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V/8A High-Speed Switching Applications

2SB1468 Datasheet (HTML) - Sanyo Semicon Device

2SB1468 Datasheet HTML 1Page - Sanyo Semicon Device 2SB1468 Datasheet HTML 2Page - Sanyo Semicon Device 2SB1468 Datasheet HTML 3Page - Sanyo Semicon Device

2SB1468 Product details

Features
• Micaless package facilitating mounting.
• Low collector-to-emitter saturation voltage : VCE(sat)=–0.5V (PNP), 0.4V (NPN) max.
• Large current capacity.

Applications
• Relay drivers, high-speed inverters, converters, etc.




Similar Part No. - 2SB1468

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB1468 ISC-2SB1468 Datasheet
261Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SB1468 NJSEMI-2SB1468 Datasheet
128Kb / 2P
   Silicon PNP Power Transistor
More results


Similar Description - 2SB1468

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB919 SANYO-2SB919 Datasheet
102Kb / 3P
   30V/8A High-Speed Switching Applications
2SB1267 SANYO-2SB1267 Datasheet
113Kb / 4P
   30V/8A High-Current Switching Applications
2SB903 SANYO-2SB903 Datasheet
105Kb / 3P
   30V/12A High-Speed Switching Applications
2SB904 SANYO-2SB904 Datasheet
100Kb / 3P
   30V/20A High-Speed Switching Applications
2SA1798 SANYO-2SA1798 Datasheet
97Kb / 3P
   20V/8A Switching Applications
2SA1823 SANYO-2SA1823 Datasheet
95Kb / 3P
   20V/8A Switching Applications
2SC4727 SANYO-2SC4727 Datasheet
92Kb / 3P
   20V/8A Switching Applications
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
   50V/8A Switching Applications
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
   50V/8A Switching Applications
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com