Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0797580010 Datasheet (PDF) - Molex Electronics Ltd.

0797580010 Datasheet PDF - Molex Electronics Ltd.
Part # 0797580010
Download  0797580010 Download
File Size   157.83 Kbytes
Page   2 Pages
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.
Description Micro-Fit Female (Sn) 20 AWG,UL1061,300MM

0797580010 Datasheet (PDF)

Go To PDF Page Download Datasheet
0797580010 Datasheet PDF - Molex Electronics Ltd.

Part # 0797580010
Download  0797580010 Click to download

File Size   157.83 Kbytes
Page   2 Pages
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.
Description Micro-Fit Female (Sn) 20 AWG,UL1061,300MM

0797580010 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0797580010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580010 MOLEX1-0797580010 Datasheet
42Kb / 1P
Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Tin Plated, 300mm, 20
0797580010 MOLEX1-0797580010_18 Datasheet
42Kb / 1P
Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Tin Plated, 300mm, 20
More results


Similar Description - 0797580010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580012 MOLEX9-0797580012 Datasheet
157Kb / 2P
Micro-Fit Female (Au) 20 AWG,UL1061,300MM
0797580004 MOLEX9-0797580004 Datasheet
157Kb / 2P
Micro-Fit Female (Au) 20 AWG,UL1061,150MM
0797580013 MOLEX9-0797580013 Datasheet
157Kb / 2P
Mini-Fit??Male Tin (Sn) 18 AWG,UL1061,300MM
0797580009 MOLEX9-0797580009 Datasheet
157Kb / 2P
Mini-Fit??Female (Sn) 18 AWG,UL1061,300MM
0797580002 MOLEX9-0797580002 Datasheet
157Kb / 2P
Micro-Fit Female (Sn) 20 AWG,UL1061,150MM
0797580015 MOLEX9-0797580015 Datasheet
157Kb / 2P
KK Hot Tin (Sn) 22 AWG,UL1061,300MM
0797580011 MOLEX9-0797580011 Datasheet
157Kb / 2P
SL Female (Sn) 22 AWG,UL1061,300MM
0797580016 MOLEX9-0797580016 Datasheet
156Kb / 2P
Pico-SPOX Female (Sn) 24 AWG,UL1061,300MM
0797580004 MOLEX1-0797580004_18 Datasheet
42Kb / 1P
Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Gold Plated, 150mm, 20 AWG
0797580012 MOLEX1-0797580012_18 Datasheet
42Kb / 1P
Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Gold Plated, 300mm,20 AWG
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com