Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA0201 Datasheet (PDF) - Sanken electric

SLA0201 Datasheet PDF - Sanken electric
Part # SLA0201
Download  SLA0201 Download

File Size   32.42 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 5A 600V 4 circuits Thyristor array

SLA0201 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLA0201 Datasheet PDF - Sanken electric

Part # SLA0201
Download  SLA0201 Click to download

File Size   32.42 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 5A 600V 4 circuits Thyristor array

SLA0201 Datasheet (HTML) - Sanken electric




Similar Part No. - SLA0201

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA0201 SANKEN-SLA0201 Datasheet
75Kb / 3P
   Thyristors
More results


Similar Description - SLA0201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
CR5AS-12A RENESAS-CR5AS-12A_13 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
   400V - 5A - Thyristor
May. 10, 2019
logo
Shindengen Electric Mfg...
KC5FB60HR SHINDENGEN-KC5FB60HR Datasheet
1Mb / 7P
   Thyristors 600V, 5A
logo
Renesas Technology Corp
RJH60A01RDPD-A0 RENESAS-RJH60A01RDPD-A0_15 Datasheet
162Kb / 9P
   600V - 5A - IGBT
logo
Shindengen Electric Mfg...
KD5SF60 SHINDENGEN-KD5SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 5A
logo
Renesas Technology Corp
RJH60A81RDPD-A0 RENESAS-RJH60A81RDPD-A0_15 Datasheet
161Kb / 9P
   600V - 5A - IGBT
logo
Shindengen Electric Mfg...
KC5SF60HRT SHINDENGEN-KC5SF60HRT Datasheet
1Mb / 7P
   Thyristors 600V, 5A
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
   5A SMALL MOLD THYRISTOR
logo
Renesas Technology Corp
BCR5LM-12RB RENESAS-BCR5LM-12RB_15 Datasheet
101Kb / 8P
   600V - 5A - Triac
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com