Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49116-0211 Datasheet (PDF) - Molex Electronics Ltd.

49116-0211 Datasheet PDF - Molex Electronics Ltd.
Part # 49116-0211
Download  49116-0211 Download
File Size   192.08 Kbytes
Page   2 Pages
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.
Description 2.54mm (.100") Pitch 2 Way Female Housing Assemblie, Secondary Locking, Crash Sensor

49116-0211 Datasheet (PDF)

Go To PDF Page Download Datasheet
49116-0211 Datasheet PDF - Molex Electronics Ltd.

Part # 49116-0211
Download  49116-0211 Click to download

File Size   192.08 Kbytes
Page   2 Pages
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.
Description 2.54mm (.100") Pitch 2 Way Female Housing Assemblie, Secondary Locking, Crash Sensor

49116-0211 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 49116-0211

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4911A POMONA-4911A Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
4911A-12-0 POMONA-4911A-12-0 Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
4911A-12-2 POMONA-4911A-12-2 Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
4911A-24-0 POMONA-4911A-24-0 Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
4911A-24-2 POMONA-4911A-24-2 Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
More results






About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com