| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0357470310
|
110Kb / 2P |
Crimp Terminal 35747, 1818, 2020 AWG
|
|
0357480310
|
127Kb / 2P |
Crimp Terminal 35748, 1818, 2020 AWG
|
|
0357460310
|
94Kb / 2P |
Crimp Terminal 35746, 1818, 2020 AWG
|
|
0357450310
|
115Kb / 3P |
Crimp Terminal 35745, 1818, 2020 AWG
|
 Tyco Electronics |
61280-1
|
30Kb / 1P |
BUTTON CONTACT
|
|
66504-8
|
157Kb / 1P |
SOCKET CONTACT, SIZE 20 DF, 20-24 AWG, AMPLIMTE
|
 AVX Corporation |
709176001501006
|
617Kb / 5P |
Single IDC Contact 18-24 AWG: WTB
|
 HARTING Technology Grou... |
09-33-800-6205
|
455Kb / 2P |
Han E High Temp female contact 18 AWG
|
|
09-33-000-6262
|
443Kb / 2P |
Han E Female Contact 20 Awg
|
 Molex Electronics Ltd. |
0639044000
|
32Kb / 1P |
FineAdjust Applicator for VersaBlade .070 Male and Female Terminals, 2020AWG, 2018 AWG and 1818 AWG
08/26/2022 |