Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5322N Datasheet (PDF) - RICOH electronics devices division

R5322N Datasheet PDF - RICOH electronics devices division
Part # R5322N
Download  R5322N Download

File Size   213.88 Kbytes
Page   23 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description SOT23-6W 120mA 2ch LDO REGULATORS

R5322N Datasheet (PDF)

Go To PDF Page Download Datasheet
R5322N Datasheet PDF - RICOH electronics devices division

Part # R5322N
Download  R5322N Click to download

File Size   213.88 Kbytes
Page   23 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description SOT23-6W 120mA 2ch LDO REGULATORS

R5322N Datasheet (HTML) - RICOH electronics devices division

Back Button R5322N Datasheet HTML 1Page - RICOH electronics devices division R5322N Datasheet HTML 2Page - RICOH electronics devices division R5322N Datasheet HTML 3Page - RICOH electronics devices division R5322N Datasheet HTML 4Page - RICOH electronics devices division R5322N Datasheet HTML 5Page - RICOH electronics devices division R5322N Datasheet HTML 6Page - RICOH electronics devices division R5322N Datasheet HTML 7Page - RICOH electronics devices division R5322N Datasheet HTML 8Page - RICOH electronics devices division R5322N Datasheet HTML 9Page - RICOH electronics devices division R5322N Datasheet HTML 10Page - RICOH electronics devices division Next Button 

R5322N Product details

OUTLINE
The R5322N Series are voltage regulator ICs with high output voltage accuracy, low supply current, low dropout, and high ripple rejection by CMOS process. Each of these voltage regulator ICs consists of a voltage reference unit, an error amplifier, resistors for setting Output Voltage, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage due to built-in transistor with low ON resistance, and a chip enable function and prolong the battery life of each system. The line transient response and load transient response of the R5322N Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment.
The output voltage of these ICs is internally fixed with high accuracy. Since the package for these ICs is SOT-23-6W package, and include 2ch LDO regulators each, high density mounting of the ICs on boards is possible.

FEATURES
• Ultra-Low Supply Current..............................................Typ. 75μA (VR1, VR2)
• Standby Current ............................................................Typ. 0.1μA (VR1, VR2)
• Output Voltage ..............................................................1.5V to 4.0V
• Low Dropout Voltage.....................................................Typ. 0.15V (IOUT=100mA ,VOUT=3.0V)
• High Ripple Rejection ...................................................Typ. 75dB (f=1kHz)
• High Output Voltage Accuracy ......................................±2.0%
• Low Temperature-Drift Coefficient of Output Voltage....Typ. ±100ppm/°C
• Excellent Line Regulation .............................................Typ.0.05%/V
• Small Packages ..........................................................SOT-23-6W
• Built-in chip enable circuit (A/B: active high)
• Built-in fold-back protection circuit ................................Typ. 40mA (Current at short mode)

APPLICATIONS
• Power source for cellular phones such as GSM, CDMA and various kinds of PCS.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.




Similar Part No. - R5322N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N001A-TR RICOH-R5322N001A-TR Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N001B-TR RICOH-R5322N001B-TR Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N002A-TR RICOH-R5322N002A-TR Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N002B-TR RICOH-R5322N002B-TR Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
More results


Similar Description - R5322N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com