Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ48 Datasheet (PDF) - Jinan Gude Electronic Device

SMBJ48 Datasheet PDF - Jinan Gude Electronic Device
Part # SMBJ48
Download  SMBJ48 Download

File Size   301.57 Kbytes
Page   4 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ48 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ48 Datasheet PDF - Jinan Gude Electronic Device

Part # SMBJ48
Download  SMBJ48 Click to download

File Size   301.57 Kbytes
Page   4 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ48 Datasheet (HTML) - Jinan Gude Electronic Device

SMBJ48 Datasheet HTML 1Page - Jinan Gude Electronic Device SMBJ48 Datasheet HTML 2Page - Jinan Gude Electronic Device SMBJ48 Datasheet HTML 3Page - Jinan Gude Electronic Device SMBJ48 Datasheet HTML 4Page - Jinan Gude Electronic Device

SMBJ48 Product details

VOLTAGE RANGE 50 to 170 Volts CURRENT 600 Watts Peak Power

Features
* For surface mounted application
* Low profile package
* Built-in strain relief
* Glass passivated junction
* Excellent clamping capability
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1μA above 10V
* High temperature soldering guaranteed: 260°C / 10 seconds at terminals
* Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0




Similar Part No. - SMBJ48

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ48 SOCAY-SMBJ48 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Dc Components
SMBJ48 DCCOM-SMBJ48 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ48 MICROSEMI-SMBJ48 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMBJ48 YANGJIE-SMBJ48 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
SMBJ48 BILIN-SMBJ48 Datasheet
837Kb / 7P
   Transient Voltage Suppressor
More results


Similar Description - SMBJ48

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com