Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0192150042 Datasheet (PDF) - Molex Electronics Ltd.

0192150042 Datasheet PDF - Molex Electronics Ltd.
Part # 0192150042
Download  0192150042 Download
File Size   108.83 Kbytes
Page   3 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Step Down Butt Splice for 6-8 AWG Wire

0192150042 Datasheet (PDF)

Go To PDF Page Download Datasheet
0192150042 Datasheet PDF - Molex Electronics Ltd.

Part # 0192150042
Download  0192150042 Click to download

File Size   108.83 Kbytes
Page   3 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Step Down Butt Splice for 6-8 AWG Wire

0192150042 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0192150042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 6 AWG Wire
0192150045 MOLEX4-0192150045 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 4 AWG Wire
0192150046 MOLEX4-0192150046 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 2 AWG Wire
0192150047 MOLEX4-0192150047 Datasheet
71Kb / 3P
VersaKrimp??Butt Splice for 1/0 AWG Wire
0192150048 MOLEX4-0192150048 Datasheet
71Kb / 3P
VersaKrimp??Butt Splice for 2/0 AWG Wire
More results


Similar Description - 0192150042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192150037 MOLEX4-0192150037 Datasheet
108Kb / 3P
Step Down Butt Splice for 8-12 AWG Wire
0192150013 MOLEX4-0192150013 Datasheet
107Kb / 2P
Step Down Butt Splice for 14-22 AWG Wire
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
NylaKrimp??Butt Splice for 6 AWG Wire
0191540044 MOLEX4-0191540044 Datasheet
69Kb / 2P
Step Down Butt Splice for 8-12 AWG Wire Red w/Yellow Strip
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
NylaKrimp??Butt Splice for 8 AWG Wire
0192150034 MOLEX4-0192150034 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 8 AWG Wire
0192150023 MOLEX4-0192150023 Datasheet
107Kb / 2P
Step Down Butt Splice for 10-16 AWG Wire
0191540047 MOLEX4-0191540047 Datasheet
69Kb / 2P
Step Down Butt Splice for 6-8 AWG Wire Blue w/Red Stripe
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
InsulKrimp??Butt Splice for 6 AWG Wire
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 6 AWG Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com