Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319018A Datasheet (PDF) - Molex Electronics Ltd.

319018A Datasheet PDF - Molex Electronics Ltd.
Part # 319018A
Download  319018A Download

File Size   238.61 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 18 Circuits, Tin (Sn) Plating

319018A Datasheet (PDF)

Go To PDF Page Download Datasheet
319018A Datasheet PDF - Molex Electronics Ltd.

Part # 319018A
Download  319018A Click to download

File Size   238.61 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 18 Circuits, Tin (Sn) Plating

319018A Datasheet (HTML) - Molex Electronics Ltd.

319018A Datasheet HTML 1Page - Molex Electronics Ltd. 319018A Datasheet HTML 2Page - Molex Electronics Ltd. 319018A Datasheet HTML 3Page - Molex Electronics Ltd.



Similar Part No. - 319018A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
319018A MOLEX11-319018A Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 18 Circuits, Tin (Sn) Plating
319018AG MOLEX3-319018AG Datasheet
98Kb / 3P
   3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 18 Circuits
More results






About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com