Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3513 Datasheet (PDF) - Rohm

BA3513 Datasheet PDF - Rohm
Part # BA3513
Download  BA3513 Download

File Size   124.04 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3V dual pre / power amplifier

BA3513 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3513 Datasheet PDF - Rohm

Part # BA3513
Download  BA3513 Click to download

File Size   124.04 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3V dual pre / power amplifier

BA3513 Datasheet (HTML) - Rohm

BA3513 Datasheet HTML 1Page - Rohm BA3513 Datasheet HTML 2Page - Rohm BA3513 Datasheet HTML 3Page - Rohm BA3513 Datasheet HTML 4Page - Rohm BA3513 Datasheet HTML 5Page - Rohm BA3513 Datasheet HTML 6Page - Rohm BA3513 Datasheet HTML 7Page - Rohm

BA3513 Product details

The BA3513AFS is a dual, pre/power amplifier designed for headphone stereo applications. It has all of the basic signal circuits required for tape players, and operates off a 3V supply.
The auto-reverse-compatible preamplifier block and fixed-gain power amplifier blocks are independent to facilitate noise reduction.
The preamplifier block can be direct-coupled, and the power amplifiers do not require bootstrap capacitors, and use a fixed-gain negative feedback circuit to reduce the number of external components required and allow compact and reliable set designs.

Features
1) Dual preamplifiers and power amplifiers on one chip.
2) Preamplifier suitable for auto-reverse use.
3) Transistor switch provided for metal-tape muting.
4) Power amplifier gain is optimized for noise reduction.
5) Radiation prevention pin provided.

Applications
    3V headphone stereos and 3V radio cassette players.




Similar Part No. - BA3513

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
   3V dual pre/power amplifier
More results


Similar Description - BA3513

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
   3V dual pre/power amplifier
logo
New Japan Radio
NJM2067 NJRC-NJM2067 Datasheet
156Kb / 4P
   3V AUTO-REVERSE DUAL PRE-AMPLIFIER
logo
Panasonic Semiconductor
AN7108 PANASONIC-AN7108 Datasheet
124Kb / 3P
   1-Chip Stereo Pre-Amplifier/Power Amplifier Circuit (3V)
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Sony Corporation
CXA1635S SONY-CXA1635S Datasheet
253Kb / 14P
   STEREO PRE-AMPLIFIER/POWER-AMPLIGIER WITH 3V GOVERNOR
logo
Rohm
BA5204F ROHM-BA5204F Datasheet
149Kb / 7P
   3V / 35mW dual power amplifier
logo
Toshiba Semiconductor
TA8155FG TOSHIBA-TA8155FG Datasheet
1Mb / 17P
   REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
logo
Panasonic Semiconductor
AN7086S PANASONIC-AN7086S Datasheet
61Kb / 5P
   Recording/Playback Pre-/Power Amplifier IC for 3V Microcassette
logo
Unisonic Technologies
A6225 UTC-A6225 Datasheet
116Kb / 5P
   DUAL PRE-AMPLIFIER
logo
Toshiba Semiconductor
TA8125S TOSHIBA-TA8125S Datasheet
311Kb / 7P
   DUAL PRE-AMPLIFIER
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com