Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2504 Datasheet (PDF) - Rohm

2SK2504 Datasheet PDF - Rohm
Part # 2SK2504
Download  2SK2504 Download

File Size   134.2 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Small switching (100V, 5A)

2SK2504 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2504 Datasheet PDF - Rohm

Part # 2SK2504
Download  2SK2504 Click to download

File Size   134.2 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Small switching (100V, 5A)

2SK2504 Datasheet (HTML) - Rohm

2SK2504 Datasheet HTML 1Page - Rohm 2SK2504 Datasheet HTML 2Page - Rohm 2SK2504 Datasheet HTML 3Page - Rohm 2SK2504 Datasheet HTML 4Page - Rohm

2SK2504 Product details

Features
1) Low On-resistance.
2) Fast switching speed.
3) Wide SOA (safe operating area).
4) 4V drive.
5) Drive circuits can be simple.
6) Parallel use is easy.

Applications
   Switching




Similar Part No. - 2SK2504

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
99Kb / 6P
   4V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK2504 KEXIN-2SK2504 Datasheet
43Kb / 1P
   Silicon N-Channel MOSFET
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
logo
Inchange Semiconductor ...
2SK2504 ISC-2SK2504 Datasheet
377Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
2SK2504TL ROHM-2SK2504TL Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
More results


Similar Description - 2SK2504

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
   Small switching (60V, 5A)
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
   150mA SMALL SIGNAL SWITCHING DIODE - 100V
logo
PFC Device Inc.
SR5100H PFC-SR5100H Datasheet
559Kb / 5P
   5A 100V Schottky Rectifier
PTS5V100 PFC-PTS5V100 Datasheet
565Kb / 5P
   5A 100V HPTR Schottky Rectifier
PT5L100SP PFC-PT5L100SP Datasheet
723Kb / 5P
   5A 100V HPTR Schottky Rectifier
logo
Shindengen Electric Mfg...
D5FY10ST SHINDENGEN-D5FY10ST Datasheet
1Mb / 8P
   Schottky Barrier Diodes 100V, 5A
logo
SeCoS Halbleitertechnol...
BAS316WS SECOS-BAS316WS Datasheet
260Kb / 3P
   0.25A , 100V Surface Mount Small Signal Switching Diode
logo
PFC Device Inc.
PT5V100SP PFC-PT5V100SP Datasheet
727Kb / 5P
   5A 100V HPTR Schottky Rectifier
logo
Rohm
RD3P050SNFRA ROHM-RD3P050SNFRA Datasheet
2Mb / 15P
   Nch 100V 5A Power MOSFET
RD3P050SN ROHM-RD3P050SN Datasheet
2Mb / 16P
   Nch 100V 5A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com