Manufacturer | Part No. | Datasheet | Description |
 NXP Semiconductors |
LPC1311
|
451Kb / 60P |
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010 |
LPC1311
|
273Kb / 53P |
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009 |
LPC1311
|
1Mb / 74P |
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012 |
LPC1311
|
1Mb / 73P |
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011 |
LPC1111
|
410Kb / 59P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010 |
 Holtek Semiconductor In... |
HT32F12365
|
1Mb / 56P |
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
|
 NXP Semiconductors |
LPC1111
|
621Kb / 64P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011 |
 Holtek Semiconductor In... |
HT32F12345
|
1Mb / 51P |
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
|
 NXP Semiconductors |
LPC1102_1106
|
301Kb / 39P |
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011 |
LPC1500
|
1Mb / 99P |
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014 |