Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11A1MP Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC11A1MP Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC11A1MP
Download  MC68HC11A1MP Download

File Size   3461.62 Kbytes
Page   52 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit Microcontrollers

MC68HC11A1MP Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11A1MP Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC11A1MP
Download  MC68HC11A1MP Click to download

File Size   3461.62 Kbytes
Page   52 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit Microcontrollers

MC68HC11A1MP Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC68HC11A1MP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC11A1MP Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC68HC11A1MP Product details

Introduction
The MC68HC11A8, MC68HC11A1, and MC68HC11A0 high-performance microcontroller units (MCUs) are based on the M68HC11 Family. These high speed, low power consumption chips have multiplexed buses and a fully static design. The chips can operate at frequencies from 3 MHz to dc. The three MCUs are created from the same masks; the only differences are the value stored in the CONFIG register, and whether or not the ROM or EEPROM is tested and guaranteed.

Features
• M68HC11 CPU
• Power Saving STOP and WAIT Modes
• 8 Kbytes ROM
• 512 Bytes of On-Chip EEPROM
• 256 Bytes of On-Chip RAM (All Saved During Standby)
• 16-Bit Timer System
    — 3 Input Capture Channels
    — 5 Output Compare Channels
• 8-Bit Pulse Accumulator
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog System
• Synchronous Serial Peripheral Interface (SPI)
• Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• 8-Channel, 8-Bit Analog-to-Digital (A/D) Converter
• 38 General-Purpose Input/Output (I/O) Pins
    — 15 Bidirectional I/O Pins
    — 11 Input-Only Pins and 12 Output-Only Pins (Eight Output-Only Pins in 48-Pin Package)
• Available in 48-Pin Dual In-Line Package (DIP) or 52-Pin Plastic Leaded Chip Carrier (PLCC)




Similar Part No. - MC68HC11A1MP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A1MP MOTOROLA-MC68HC11A1MP Datasheet
286Kb / 45P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11A1MP NXP-MC68HC11A1MP Datasheet
3Mb / 52P
   8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11A1MP2 MOTOROLA-MC68HC11A1MP2 Datasheet
776Kb / 158P
   HCMOS Single-Chip Microcontroller
More results


Similar Description - MC68HC11A1MP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com