Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP15A Datasheet (PDF) - Gulf Semiconductor

RGP15A Datasheet PDF - Gulf Semiconductor
Part # RGP15A
Download  RGP15A Download

File Size   135.02 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A

RGP15A Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP15A Datasheet PDF - Gulf Semiconductor

Part # RGP15A
Download  RGP15A Click to download

File Size   135.02 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A

RGP15A Datasheet (HTML) - Gulf Semiconductor

RGP15A Datasheet HTML 1Page - Gulf Semiconductor RGP15A Datasheet HTML 2Page - Gulf Semiconductor

RGP15A Product details

FEATURE
   High temperature metallurgically bonded construction
   Sintered glass cavity free junction
   Capability of meeting environmental standard of MIL-S-19500
   High temperature soldering guaranteed
   350°C/10sec/0.375”lead length at 5 lbs tension
   Operate at Ta =55°C with no thermal run away
   Typical Ir<0.1µA




Similar Part No. - RGP15A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP15A ZOWIE-RGP15A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
RGP15A DSK-RGP15A Datasheet
260Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
General Semiconductor
RGP15A GE-RGP15A Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
RGP15A VISHAY-RGP15A Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
More results


Similar Description - RGP15A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RU3JGF GULFSEMI-RU3JGF Datasheet
143Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU2AGF GULFSEMI-RU2AGF Datasheet
99Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUF15A GULFSEMI-GUF15A Datasheet
104Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
BYV26EAGP GULFSEMI-BYV26EAGP Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
BYV96DGP GULFSEMI-BYV96DGP Datasheet
84Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 1.5A
BYV36AGP GULFSEMI-BYV36AGP Datasheet
231Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00 - 1000V CURRENT: 1.5A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com