Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY448GP Datasheet (PDF) - Gulf Semiconductor

BY448GP Datasheet PDF - Gulf Semiconductor
Part # BY448GP
Download  BY448GP Download

File Size   84.04 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER

BY448GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY448GP Datasheet PDF - Gulf Semiconductor

Part # BY448GP
Download  BY448GP Click to download

File Size   84.04 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER

BY448GP Datasheet (HTML) - Gulf Semiconductor

BY448GP Datasheet HTML 1Page - Gulf Semiconductor BY448GP Datasheet HTML 2Page - Gulf Semiconductor

BY448GP Product details

FEATURE
    High temperature metallurgically bonded construction
    Sintered glass cavity free junction
    Capability of meeting environmental standard of MIL-S-19500
    High temperature soldering guaranteed
    350°C /10sec/0.375”lead length at 5 lbs tension
    Operate at Ta =55°C with no thermal run away
    Typical Ir<0.1µA




Similar Part No. - BY448GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
logo
SUNMATE electronic Co.,...
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
   2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
   1.5A Clamper/Damping diode
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
79Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
BY448GP VISHAY-BY448GP_15 Datasheet
78Kb / 5P
   Miniature Clamper/Damper Glass Passivated Fast Rectifier
Revision: 24-Jul-13
More results


Similar Description - BY448GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
   SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
BYV26AGP TAYCHIPST-BYV26AGP Datasheet
4Mb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
BYV26EGP-15 TAYCHIPST-BYV26EGP-15 Datasheet
2Mb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BYV36AGP GOOD-ARK-BYV36AGP_15 Datasheet
227Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com