Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14035B Datasheet (PDF) - Motorola, Inc

MC14035B Datasheet PDF - Motorola, Inc
Part No. MC14035B
Download  MC14035B Click to view

File Size   224.23 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4-Bit Parallel-In/Parallel-Out Shift Register

MC14035B Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14035B Datasheet PDF - Motorola, Inc

Part No. MC14035B
Download  MC14035B Click to view

File Size   224.23 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4-Bit Parallel-In/Parallel-Out Shift Register

MC14035B Datasheet (HTML) - Motorola, Inc

MC14035B Datasheet HTML 1Page - Motorola, Inc MC14035B Datasheet HTML 2Page - Motorola, Inc MC14035B Datasheet HTML 3Page - Motorola, Inc MC14035B Datasheet HTML 4Page - Motorola, Inc MC14035B Datasheet HTML 5Page - Motorola, Inc MC14035B Datasheet HTML 6Page - Motorola, Inc

MC14035B Product details

4-Bit Parallel-In / Pparallel-Out Shift Register



TheMC14035B 4–bit shift register is constructed with MOS P–channel andN–channel enhancement mode devices in asingle monolithic structure. Itconsists of a 4–stageclocked serial–shift register with synchronous parallelinputs and buffered parallel outputs. The Parallel/Serial (P/S) input

allowsserial–right shifting of data or synchronous parallel loading viainputs DP0thru DP3. The True/Complement (T/C) input determines whether the outputsdisplay the Q or Qoutputs of the flip–flop stages. J–K logic forms the serialinput to the first stage. With the J and K inputs connected together they operate as a serial “D” input.



• 4–Stage Clocked Serial–Shift Operation

• Synchronous Parallel Loading of all Four Stages

• J–K Serial Inputs on First Stage

• Asynchronous True/Complement Control of all Outputs

• Fully Static Operation

• Asynchronous Master Reset

• Data Transfer Occurs on the Positive–Going Clock Transition

• No Limit on Clock Rise and Fall Times

• All Inputs are Buffered

• Supply Voltage Range = 3.0 Vdc to 18 Vdc

• Capable of Driving Two Low–power TTL Loads or One Low–power

  Schottky TTL Load Over the Rated Temperature Range



Similar Part No. - MC14035B

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
ON Semiconductor
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
STMicroelectronics
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
Motorola, Inc
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
ON Semiconductor
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Similar Description - MC14035B

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
Micro Electronics
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
STMicroelectronics
STMicroelectronics
HCC4035B STMICROELECTRONICS-HCC4035B Datasheet
296Kb / 14P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Intersil Corporation
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
   CMOS 4 -Stage Parallel In/Parallel Out Shift Register
Texas Instruments
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
[Old version datasheet]   CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Fairchild Semiconductor
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
Renesas Technology Corp
Renesas Technology Corp
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
Hitachi Semiconductor
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
More results

Datasheet Page

1  2  3  4  5  6 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz