Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1622-08DE Datasheet (PDF) - ON Semiconductor

CM1622-08DE Datasheet PDF - ON Semiconductor
Part # CM1622-08DE
Download  CM1622-08DE Download

File Size   359.49 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1622-08DE Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1622-08DE Datasheet PDF - ON Semiconductor

Part # CM1622-08DE
Download  CM1622-08DE Click to download

File Size   359.49 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1622-08DE Datasheet (HTML) - ON Semiconductor

Back Button CM1622-08DE Datasheet HTML 1Page - ON Semiconductor CM1622-08DE Datasheet HTML 2Page - ON Semiconductor CM1622-08DE Datasheet HTML 3Page - ON Semiconductor CM1622-08DE Datasheet HTML 4Page - ON Semiconductor CM1622-08DE Datasheet HTML 5Page - ON Semiconductor CM1622-08DE Datasheet HTML 6Page - ON Semiconductor CM1622-08DE Datasheet HTML 7Page - ON Semiconductor CM1622-08DE Datasheet HTML 8Page - ON Semiconductor CM1622-08DE Datasheet HTML 9Page - ON Semiconductor CM1622-08DE Datasheet HTML 10Page - ON Semiconductor Next Button 

CM1622-08DE Product details

Features
• Eight channels of EMI filtering with integrated ESD protection
• Pi-style EMI filters in a capacitor-resistorcapacitor (C-R-C) network
• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)
• ±30kV ESD protection on each channel (HBM)
• Greater than -35dB attenuation (typical) at 1GHz
• NuDFN package with 0.40mm lead pitch:
    • 16-lead: 3.5mm x 1.20mm x 0.50mm
• Lead-free finishing

Applications
• LCD and camera data lines in mobile handsets
• I/O port protection for mobile handsets, notebook computers, PDAs, etc.
• EMI filtering for data ports in cell phones, PDAs or notebook computers
• Wireless handsets
• Handheld PCs/PDAs




Similar Part No. - CM1622-08DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1622 CALMIRCO-CM1622 Datasheet
348Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Similar Description - CM1622-08DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com