Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14LC5002 Datasheet (PDF) - Motorola, Inc

MC14LC5002 Datasheet PDF - Motorola, Inc
Part # MC14LC5002
Download  MC14LC5002 Download
File Size   458.45 Kbytes
Page   17 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 72-Segment / 128-Segment LCD Drivers

MC14LC5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14LC5002 Datasheet PDF - Motorola, Inc

Part # MC14LC5002
Download  MC14LC5002 Click to download

File Size   458.45 Kbytes
Page   17 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 72-Segment / 128-Segment LCD Drivers

MC14LC5002 Datasheet (HTML) - Motorola, Inc


MC14LC5002 Product details

The MC14LC5003/5004 are 128-segment,  multiplexed-by-four LCD Drivers. The MC14LC5002 is the same as MC14LC5003 except for 72 segments. The three devices are functionally the same except for their data input protocols. The MC14LC5002/5003 use a serial interface data input protocol. The devices may be interfaced to the MC68HCXX product families using a minimal amount of software (see example). The MC14LC5004 has a IIC interface and has essentially the same protocol, except that the device sends an acknowledge bit back to the transmitter after each eight-bit byte is received. MC14LC5004 also has a “read mode”, whereby data sent to the device may be retrieved via the IIC bus.



• Drives 72 Segments Per MC14LC5002’s Package

• Drives 128 Segments Per MC14LC5003/5004’s Package

• May Be Used with the Following LCDs: Segmented Alphanumeric,Bar Graph, Dot Matrix, Custom

• Quiescent Supply Current: 30 µA @ 2.7 V VDD

• Operating Voltage Range: 2.7 to 5.5 V

• Operating Temperature Range: - 40 to 85°C

• Separate Access to LCD Drive Section’s Supply Voltage to Allow for Temperature Compensation

• See Application Notes AN1066 and AN442




Similar Part No. - MC14LC5002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
72-Segment / 128-Segment LCD Drivers
REV 7 02/98
MC14LC5002FB NXP-MC14LC5002FB Datasheet
354Kb / 17P
72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Similar Description - MC14LC5002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
128 SEGMENT LCD DRIVERS CMOS
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
For 128-140 Segment type LCD LCD Segment Driver
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9796FS ROHM-BU9796FS Datasheet
273Kb / 12P
LCD Segment Driver series 80-segment Drivers (20SEG횞4COM)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com